Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP14040P Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LP14040P
Description  Build in 40V Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LP14040P Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LP14040P Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LP14040P Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LP14040P Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LP14040P Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LP14040P Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LP14040P Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LP14040P Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LP14040P Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd LP14040P Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
MIN.
MAX.
Input voltage range
VIN
-0.3
42
V
Output voltage range
VOUT
-0.3
42
V
Enable voltage range
VEN
-0.3
7
V
FLTB, CT, OCP, OVP Pin
Voltage
VFLTB, VCT, VOCP, VOVP
-0.3
7
V
Continuous output current
IOUT
4.8
A
Electrostatic discharge
Human body model (HBM)
±3
kV
RECOMMENDED OPERATING CONDITIONS
Rating
Symbol
Value
Unit
MIN.
MAX.
Input voltage range
VIN
4.5
40
V
Output voltage range
VOUT
4.5
40
V
Enable voltage range
VEN
0
5
V
FLTB, CT, OCP, OVP Pin
Voltage
VFLTB, VCT, VOCP, VOVP
0
5
V
Continuous output current
IOUT
0
3
A
Operating junction temperature range, TJ
-40
125
oC
Operating Ambient temperature range, TA
-40
85
oC
LP14040P
Rev :
www.leiditech.com
01.06.2015
3/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com