Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP14040P Datasheet(PDF) 8 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LP14040P
Description  Build in 40V Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LP14040P Datasheet(HTML) 8 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Back Button LP14040P Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LP14040P Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LP14040P Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LP14040P Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LP14040P Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd LP14040P Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd LP14040P Datasheet HTML 10Page - Shanghai Leiditech Electronic Technology Co., Ltd LP14040P Datasheet HTML 11Page - Shanghai Leiditech Electronic Technology Co., Ltd LP14040P Datasheet HTML 12Page - Shanghai Leiditech Electronic Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
condition, typically 5W; the current charge CT cap is also constant, which is 11μA.
Phase 2: when Ids reaches IOCP, LP14040P works in constant current mode.
Connecting a resistor between OCP pin and GND pin to set the constant current threshold IOCP, refer to
equation (2) for OC level setting. Connect OCP pin to GND to set the maximum over current value,
4A; Leave OCP pin float to set the minimum over current value, 1.5A.
)
(k
R
133.3
I
set
OCP,
OCP
(2)
ton
VGS
VTH
0
VGSL
VDS
IDS
ILMT
0
IPWR
Phase 1
Phase 2
CT
pin
2.4V
10
µA
20
µA
0
t
Power and Current Limited Soft Startup Sequence
FAULT TIMER
When in power limit or current limit condition, a current ICT_CHG will start to charge the cap on
CT pin.
1. When the voltage on CT pin reaches the upper threshold, the device will shut down, FLTB is
pulled to GND internally, and a current ICT_HIC will start to discharge the cap to low threshold
voltage 0.4V, then charge the CT cap to 2.4V, after 16 times charge and discharge, device will pull
CT to GND and try to start up again.
2. If the voltage on CT pin doesn’t reach the upper voltage, and power limit condition and current
limit condition are dismissed, then CT cap will be discharge to 0V with 20μA discharge current.
This hiccup operation will reduce the system thermal stress and extend the life of battery if it’s in
fault conditions.
LP14040P
Rev :
www.leiditech.com
01.06.2015
8/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com