Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP14040P Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LP14040P
Description  Build in 40V Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LP14040P Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LP14040P Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LP14040P Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LP14040P Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LP14040P Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LP14040P Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LP14040P Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LP14040P Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LP14040P Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd LP14040P Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
DESCRIPTION
LP14040P is a high -voltage, high-current integrated power switch incorporated with many
intelligent protection features. The device input ranges from 4.5V to 40V and it supplies up to 3A
continuous current. The intelligent protections include over current, input over voltage, over
temperature, short circuit, and input under voltage lockout. Programmable fault timer circuitry controls
the time stay in maximum power or current limit status. Low quiescent current makes it an ideal
solution for battery powered applications.
LP14040P is available in thermally enhanced Power ESOP8 package and operates over -40
oC to
+85
oC ambient temperature range.
Features
Build in 40V Power MOSFET
Wide Input Range: 4.5V to 40V
Current up to 3A
Programmable Over-Current: 1.5A to 4A
Programmable Input Over-Voltage Protection
Programmable Fault Timer
Thermal Shutdown
Open Drain Fault Indicator
Input Under Voltage Lockout
Power ESOP8 Package with Enhanced Power PAD
MECHANICAL CHARACTERISTICS
Power ESOP8 Package with Enhanced Power PAD
Marking : Marking Code
Packaging : Tape and Reel per EIA 481
RoHS Compliant
APPLICATIONS
Automotive
Telecommunication
Industrial
LP14040P
Rev :
www.leiditech.com
01.06.2015
1/13


Similar Part No. - LP14040P

ManufacturerPart #DatasheetDescription
logo
LG Semicon Co.,Ltd.
LP140WD2 LG-LP140WD2 Datasheet
917Kb / 28P
14.0?쓂 HD TFT LCD
LP140WD2-TLB1 LG-LP140WD2-TLB1 Datasheet
917Kb / 28P
14.0?쓂 HD TFT LCD
LP140WF1 LG-LP140WF1 Datasheet
1Mb / 31P
14.0??Full HD TFT LCD
LP140WH1 LG-LP140WH1 Datasheet
855Kb / 34P
14.0?쓂 HD TFT LCD
LP140WH1-TLA2 LG-LP140WH1-TLA2 Datasheet
855Kb / 34P
14.0?쓂 HD TFT LCD
More results

Similar Description - LP14040P

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5803 IRF-IRF5803 Datasheet
109Kb / 9P
Power MOSFET(Vdss=-40V)
IRF5804 IRF-IRF5804 Datasheet
99Kb / 9P
Power MOSFET(Vdss=-40V)
IRF7703 IRF-IRF7703 Datasheet
137Kb / 9P
Power MOSFET(Vdss=-40V)
IRF7704 IRF-IRF7704 Datasheet
193Kb / 8P
Power MOSFET(Vdss=-40V)
logo
Vectron International, ...
C3310 VECTRON-C3310 Datasheet
154Kb / 5P
Low Phase Noise Build in PLL-Circuit
logo
List of Unclassifed Man...
426061400-3 ETC2-426061400-3 Datasheet
15Kb / 2P
800mm SAMSUNG LTA460H2-L02 BUILD-IN
logo
Megawin Technology Co.,...
MA015 MEGAWIN-MA015 Datasheet
564Kb / 29P
Build-in watchdog timer
MG65PG5A08A MEGAWIN-MG65PG5A08A Datasheet
1Mb / 48P
Build-in a watchdog timer
logo
Unisonic Technologies
UD05121G-AF5-R UTC-UD05121G-AF5-R Datasheet
243Kb / 7P
Build-in soft start function
logo
Shenzhen Huazhimei Semi...
HM9921 HMSEMI-HM9921 Datasheet
483Kb / 6P
High-Voltage LED DRriver with Build-In MOSFET Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com