Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP14040P Datasheet(PDF) 10 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LP14040P
Description  Build in 40V Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LP14040P Datasheet(HTML) 10 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Back Button LP14040P Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LP14040P Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LP14040P Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LP14040P Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd LP14040P Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd LP14040P Datasheet HTML 10Page - Shanghai Leiditech Electronic Technology Co., Ltd LP14040P Datasheet HTML 11Page - Shanghai Leiditech Electronic Technology Co., Ltd LP14040P Datasheet HTML 12Page - Shanghai Leiditech Electronic Technology Co., Ltd LP14040P Datasheet HTML 13Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
100%
Temp.
TFB TOTSD
ILMT
Current Limit Temperature Fold Back
PERFORMANCE DATA
Fig.1 Startup by EN
Fig.2 Shutdown by EN
LP14040P
Rev :
www.leiditech.com
01.06.2015
10/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com