Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP14040P Datasheet(PDF) 9 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LP14040P
Description  Build in 40V Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LP14040P Datasheet(HTML) 9 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Back Button LP14040P Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LP14040P Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LP14040P Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LP14040P Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd LP14040P Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd LP14040P Datasheet HTML 10Page - Shanghai Leiditech Electronic Technology Co., Ltd LP14040P Datasheet HTML 11Page - Shanghai Leiditech Electronic Technology Co., Ltd LP14040P Datasheet HTML 12Page - Shanghai Leiditech Electronic Technology Co., Ltd LP14040P Datasheet HTML 13Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
VOUT pin
IDS
CT pin
FLTB pin
ILMT
PLMT
2.4V
0.4V
10µA
20µA
1
2
3
14
15 16
tRESTART
FAULT Timeout
peroid
Discharge
to 0V
Fault and Restart Sequence
OVER TEMPERATURE PROTECTION
LP14040P has over temperature protection. While the temperature exceeds the over temperature
threshold, the device will enter the over temperature protection, the power MOSFET will be turned off
and output will be discharged by the internal pull down resistor. After the temperature drop below the
over temperature recover threshold, the system tries to restart again.
FAULT FUNCTION INDICATOR
LP14040P has an open drain FLTB pin to indicate the fault condition. When the device is in the
fault conditions, such as over temperature, input over voltage, input under voltage or fault timer time
out, the FLTB pin will be pulled down to GND by the internal open drain MOSFET. The fault will be
cleared after the system finish hiccup timer, toggle VIN or EN, or device temperature drop to OTP
recover threshold. FLTB pin is high impedance when the WP14040P is disabled.
INPUT RIPPLE REJECTION
LP14040P has implemented an input ripple rejection circuit. When input goes high, which make
LP14040P works under current limit condition, the fault timer will start to work, 10μA (typ.) current
charge CT pin cap; when input goes low, which make WP14040P out of current limit ,the fault timer
start to discharge the CT pin cap with 20μA (typ.) current. In such a case, there never have input ripple
causes over current protection happen.
TEMPERATURE FOLD BACK
To increase device’s reliability, a temperature fold back feature is integrated in to WP14040P.
The basic idea is, when the device’s temperature is higher than temperature fold back threshold, the
current limit value decrease with temperature increase.
LP14040P
Rev :
www.leiditech.com
01.06.2015
9/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com