Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP14040P Datasheet(PDF) 11 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LP14040P
Description  Build in 40V Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LP14040P Datasheet(HTML) 11 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Back Button LP14040P Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LP14040P Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LP14040P Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LP14040P Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd LP14040P Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd LP14040P Datasheet HTML 10Page - Shanghai Leiditech Electronic Technology Co., Ltd LP14040P Datasheet HTML 11Page - Shanghai Leiditech Electronic Technology Co., Ltd LP14040P Datasheet HTML 12Page - Shanghai Leiditech Electronic Technology Co., Ltd LP14040P Datasheet HTML 13Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Fig.3 Startup by VIN
Fig.4 Shutdown by VIN
Fig.5 EN control Startup with 1.67Ω
Fig.6 Startup with output short
resistor and 3300μF cap
Fig.7 OCP (OCP pin short to GND)
Fig.8 OCP recover (OC pin short to GND)
LP14040P
Rev :
www.leiditech.com
01.06.2015
11/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com