Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP14040P Datasheet(PDF) 5 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LP14040P
Description  Build in 40V Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LP14040P Datasheet(HTML) 5 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LP14040P Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LP14040P Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LP14040P Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LP14040P Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LP14040P Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LP14040P Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LP14040P Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LP14040P Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd LP14040P Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Output high
leakage
IL
VFLTB=5.5V, normal mode
30
100
nA
Output low
voltage
IFLTB=2mA, fault mode
0.3
V
MOSFET
On resistance
RON
VIN=12V, IOUT=1A
45
mΩ
Output Current Limit
IOC, SET
ILIMIT, GND
VIN=12V, ROCP short to GND
3..15
4.2
4.8
A
ILIMIT
VIN=12V, ROCP=51KΩ
1.8
2.6
3.4
A
ILIMIT, FL
VIN=12V, ROCP Floating
1.25
1.6
1.93
A
Over-Temperature-Protection (OTP)
OTP
(1)
TOTSD
Thermal shutdown threshold
155
C
OTP Recover
(1)
TRE
Thermal recover threshold
105
C
Fold back
threshold
(1)
TFB
Temperature fold back
threshold
105
C
Note 1: guarantee by design.
LP14040P
Rev :
www.leiditech.com
01.06.2015
5/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com