Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP14040P Datasheet(PDF) 7 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LP14040P
Description  Build in 40V Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LP14040P Datasheet(HTML) 7 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Back Button LP14040P Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LP14040P Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LP14040P Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LP14040P Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LP14040P Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LP14040P Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd LP14040P Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd LP14040P Datasheet HTML 10Page - Shanghai Leiditech Electronic Technology Co., Ltd LP14040P Datasheet HTML 11Page - Shanghai Leiditech Electronic Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
TYPICAL APPLICATION DIAGRAM
LP 14040P
VIN
EN
CT
GND
FLTB
5V
CCT
560nF
CIN
1µF
COUT
3300µF
10kΩ
LOAD
12V or 24V
Voltage
source
VOUT
OVP
OCP
91kΩ
LP14040P 12V/3A Power Rail Distributor
FUNCTION DESCRIPTION
LP14040P integrates robust vertical power MOSFET with very low on resistance. A lossless
current sense technology is implemented in the system. The protection functions include over current,
over temperature, power limit, input under voltage lockout, input over voltage protection.
The maximum power start up provides the fastest startup time without overshoot at output.
Programmable fault timer circuitry allows user to control the time stay in maximum power limit or
current limit condition, and provides programmable hiccup time. Low quiescent current makes it an
ideal solution for battery powered applications.
VIN, UVLO, OVP
The recommendation for the operation voltage is range from 4.5V to 40V. It can be used as 5V,
12V, 24V power rail distributor. When VIN is in UVLO or OVP condition, the device will turn off the
internal power MOSFET. After fault is cleared, the device will enter soft start mode.
The OVP threshold is set by equation (1)
set
OVP,
set
OVP,
OVP_TH
R
I
20
V
(1)
Where IOVP,set is 11μA typically, ROVP,set is the resistor connected between OVP pin and GND; refer to
EC table for more detail; by connecting OVP pin to GND to set the minimum OVP voltage at 5.65V.
By leaving OVP float to set 42.8V OVP threshold.
SOFT START & OCP
LP14040P adopts a soft start function. The soft-start includes two phases:
Phase 1: when Ids is below the current limit value set by OCP pin, LP14040P works as constant power
LP14040P
Rev :
www.leiditech.com
01.06.2015
7/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com