Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5920ACPZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADL5920ACPZ-R7
Description  9 kHz to 7 GHz, Bidirectional RMS and VSWR Detector
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5920ACPZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADL5920ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5920ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5920ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5920ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5920ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5920ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5920ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5920ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5920ACPZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Data Sheet
ADL5920
Rev. B | Page 7 of 26
Parameter1
Test Conditions/Comments
Min
Typ
Max
Unit
TEMPERATURE COMPENSATION
TADJI
Input Voltage Range
0
1
V
Input Bias Current
VTADJI = 1 V
14
µA
Input Resistance
70
kΩ
VOLTAGE REFERENCE
VREF
Output Voltage
TA = 25°C, load resistance (RL) = 10 kΩ
2.5
V
Small Signal Output Impedance
3.1
Ω
Current Capability
Source
9.8
mA
Sink
4.6
mA
TEMPERATURE REFERENCE
VTEMP
Output Voltage
TA = 25°C, RL ≥ 10 kΩ
1.38
V
Temperature Coefficient
−40°C ≤ TA ≤ +85°C, RL ≥ 10 kΩ
4.5
mV/°C
POWER-DOWN INTERFACE AND
TEMPERATURE COMPENSATION
Pin PWDN/TADJS
Voltage Level
To Enable
1.2
V
To Disable
1.5
V
Enable Time
PIN = 10 dBm, PWDN/TADJS at 50% to output voltage at
90%, 10 nF on CRMSF and CRMSR
10
µs
Disable Time
PIN = 10 dBm, PWDN/TADJS at 50% to output voltage at
10%, 10 nF on CRMSF and CRMSR
5
µs
Input Bias Current
VTADJS = 2.5 V
36
µA
Input Resistance
70
kΩ
POWER SUPPLY
VPOS1, VPOS2, VPOS3
Supply Voltage
4.9
5
5.1
V
Quiescent Current
PWDN/TADJS low
130
160
200
mA
PWDN/TADJS high
1
3
mA
1
When referring to a single function of a multifunction pin in the parameters, only the portion of the pin name that is relevant to the specification is listed. For full pin
names of multifunction pins, refer to the Pin Configuration and Function Descriptions section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com