Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5920ACPZ-R7 Datasheet(PDF) 2 Page - Analog Devices

Part # ADL5920ACPZ-R7
Description  9 kHz to 7 GHz, Bidirectional RMS and VSWR Detector
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5920ACPZ-R7 Datasheet(HTML) 2 Page - Analog Devices

  ADL5920ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5920ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5920ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5920ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5920ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5920ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5920ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5920ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5920ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
ADL5920
Data Sheet
Rev. B | Page 2 of 26
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 8
Thermal Resistance ...................................................................... 8
ESD Caution.................................................................................. 8
Pin Configuration and Function Descriptions............................. 9
Typical Performance Characteristics ........................................... 11
Theory of Operation ...................................................................... 17
Applications Information .............................................................. 18
Basic Connections...................................................................... 18
CHPR, CHPF Capacitors .......................................................... 18
VREF Interface ........................................................................... 19
VDIFF Output Interface............................................................ 19
Temperature Drift Compensation ........................................... 19
Setting VTGT.............................................................................. 19
Choosing Values for CRMSF and CRMSR ............................. 20
RF Power and Return Loss Calculation .................................. 21
DC-Coupled Operation............................................................. 22
Evaluation Board ............................................................................ 23
Outline Dimensions....................................................................... 26
Ordering Guide .......................................................................... 26
REVISION HISTORY
12/2019—Rev. A to Rev. B
Changes to Applications Section and Figure 1............................. 1
Changes to Figure 38...................................................................... 18
Changes to RF Power and Return Loss Calculation Section.... 21
Changes to Figure 43...................................................................... 22
3/2019—Rev. 0 to Rev. A
Changes to Ordering Guide.......................................................... 26
1/2019—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com