Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5920ACPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADL5920ACPZ-R7
Description  9 kHz to 7 GHz, Bidirectional RMS and VSWR Detector
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5920ACPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADL5920ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5920ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5920ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5920ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5920ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5920ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5920ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5920ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5920ACPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
ADL5920
Data Sheet
Rev. B | Page 10 of 26
Pin No.
Mnemonic
Description
12
DECL
Internal Decoupling Node. Decouple this pin with a 0.1 µF capacitor to ground. Do not
use the voltage on this pin, nominally 3.2 V, externally to set any bias levels. In dc-coupled
applications where VNEGx is connected to −2.5 V, this pin must be connected directly to
ground.
15
VTGT
RMS Target Voltage. The voltage applied to this pin sets the target RF level at the output
of the internal voltage controlled amplifiers that drive the internal squaring cells of the rms
detectors. The recommended voltage for VTGT is 1 V. Increasing VTGT above 1 V degrades
the rms accuracy of the ADL5920. Reducing VTGT below 1 V can improve the rms
accuracy for signals with high crest factors. The voltage on this pin can be derived from
a resistor divider circuit that is driven by the VREF pin (Pin 19).
19
VREF
Reference Voltage Output. This voltage reference has a nominal value of 2.5 V. This
reference output voltage can set the voltage to the TADJI, TADJS, VTGT, and VOCM pins.
20
TADJI
RMS Detector Temperature Compensation. Use this pin to fine tune the temperature
intercept stability of the rms detectors. The voltage applied to this pin can be derived
from VREF using a simple resistor divider.
25, 26, 31, 32
RFOUT, RFIN
RF Inputs and Outputs. The two RFIN pins are common inputs that must always be
connected to each other. Likewise, the two RFOUT pins must always be connected to
each other. The power of the incident signal on RFIN is measured on the VRMSF pin, and
the power on the incident signal into RFOUT is measured on the VRMSR pin. The ratio of
the incident signals on RFIN and RFOUT is measured on the VDIFF+ and VDIFF− pins.
The RFIN and RFOUT pins are interchangeable, allowing the source signal to drive into
RFOUT with the load connected to RFIN. RFIN and RFOUT are normally ac-coupled to
the source and load. RFIN and RFOUT can be dc-coupled by connecting a −2.5 V supply
to the two VNEGx pins and by connecting the DECL pin to ground.
EPAD
Exposed Pad. Connect the exposed pad to a ground plane with low thermal and
electrical impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com