Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5920ACPZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADL5920ACPZ-R7
Description  9 kHz to 7 GHz, Bidirectional RMS and VSWR Detector
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5920ACPZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADL5920ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5920ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5920ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5920ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5920ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5920ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5920ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5920ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5920ACPZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
Data Sheet
ADL5920
Rev. B | Page 19 of 26
VREF INTERFACE
The VREF pin provides an internally generated voltage reference
for the user. The VREF voltage is temperature stable and is
capable of sourcing 4 mA and sinking 50 µA maximum. To
provide additional current sink capability, connect an external
resistor from VREF to GNDx. The voltage on this pin can drive
the PWDN/TADJS, TADJI, VTGT, and VOCM pins.
VPOSx
GNDx
VREF
18kΩ
INTERNAL
VOLTAGE
Figure 39. VREF Interface Simplified Schematic
VDIFF OUTPUT INTERFACE
The ADL5920 contains a differential output stage (see Figure 40)
that converts the detector output voltages of VRMSF and VRMSR
to a differential voltage (VDIFF+ − VDIFF−) with two differential
amplifiers that each have a gain of one half. The differential gain
from VRMSF minus VRMSR to VDIFF+ − VDIFF− is therefore
equal to one, that is,
VDIFF+ − VDIFF− = VRMSF – VRMSR
(6)
The VOCM pin sets the output common-mode voltage of VDIFF.
Because the difference voltage can be as large as 2 V to 2.5 V
depending on directivity and frequency, VOCM must be high
enough (at least 1.25 V for |VRMSF − VRMSR| = 2.5 V) such
that the negative swinging output voltage is not limited at ground.
A voltage of midsupply (2.5 V) is optimal for VOCM. The
VOCM pin must be driven by a low impedance because the
current flowing in and out of this pin can be up to ±2 mA,
depending on the voltage applied to the VOCM pin and the
voltages present on VRMSF and VRMSR. VOCM can connect
directly to VREF. However, the connection must include a 1 kΩ
resistor to ground, as shown in Figure 38.
VRMSF
VRMSR
2kΩ
1kΩ
2kΩ
1kΩ
2kΩ
1kΩ
VDIFF–
VDIFF+
VOCM
Figure 40. Differential Output Stage
TEMPERATURE DRIFT COMPENSATION
The TADJI and TADJS pins provide the option to optimize the
temperature drift of the output voltages of ADL5920. The voltage
on TADJI provides compensation of intercept temperature drift
and the voltage on TADJS compensates for temperature drift of
the slope.
Table 5 shows the recommended voltages for VTADJI and VTADJS to
minimize temperature drift over the intended temperature range
(−40°C < TA < +85°C).
Table 5. Recommended VTADJI and VTADJS Values for Selected
Frequencies
Frequency (GHz)
VTADJI (V)
VTADJS (V)
0.01
0
0
0.1
0
0
1
0
0
2
0
0.2
3
0
0.2
4
0
0.2
5
0.2
0.2
6
0.2
0
7
0.2
0.8
The TADI and TADJS pins have a high input impedance and
can be conveniently driven from an external source or from an
attenuated value of VREF using a resistor divider.
SETTING VTGT
The voltage on the VTGT pin determines the settling point of
internal automatic level control (ALC) loops that are part of the
rms computation core. The recommended value for VTGT is
1 V, which represents a compromise between achieving excellent
rms accuracy and maximizing dynamic range. The voltage on
VTGT can be derived from the VREF pin using a resistor
divider, as shown in Figure 38. Like the resistors chosen to set
the voltage on TADJI and TADJS, the resistors setting VTGT
must have reasonable values that do not pull too much current
from VREF or cause bias current errors. In addition, note the
combined current that VREF must deliver to generate the voltages
on TADJI, TADJS and VTGT (which cannot exceed 4 mA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com