Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5920ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADL5920ACPZ-R7
Description  9 kHz to 7 GHz, Bidirectional RMS and VSWR Detector
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5920ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADL5920ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5920ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5920ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5920ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5920ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5920ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5920ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5920ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5920ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Data Sheet
ADL5920
Rev. B | Page 11 of 26
TYPICAL PERFORMANCE CHARACTERISTICS
2
–8
–7
–6
–5
–4
–3
–2
–1
0
1
10M
1M
100k
100M
1G
10G
FREQUENCY (Hz)
RFIN TO RFOUT
RFOUT TO RFIN
Figure 3. Forward and Reverse Insertion Loss vs. Frequency
20
–80
–70
–60
–50
–40
–30
–20
–10
0
10
0.1
1
10
100
1k
10k
FREQUENCY (MHz)
INPUT RETURN LOSS (RFIN)
OUTPUT RETURN LOSS (RFOUT)
Figure 4. Return Loss vs. Frequency
0
5
10
15
20
25
30
35
40
45
50
10M
100M
1G
10G
FREQUENCY (MHz)
CHPF, CHPR = 100nF
CHPF, CHPR = OPEN
Figure 5. Directivity vs. Frequency with Bridge Driven from RFIN at 20 dBm
and RFOUT Terminated with 50 Ω
2
–8
–7
–6
–5
–4
–3
–2
–1
0
1
10M
100M
1G
10G
FREQUENCY (MHz)
+85°C
+70°C
+25°C
0°C
–40°C
Figure 6. Forward Insertion Loss vs. Frequency at Various Temperatures
0
0.5
1.0
1.5
2.0
2.5
0
5
10
15
20
25
30
APPLIED RETURN LOSS ON RFOUT (dB)
10MHz (CHPF,CHPR = 100nF)
100MHz (CHPF,CHPR = 100nF)
1GHz (CHPF,CHPR = 100nF)
2GHz (CHPF,CHPR = OPEN)
4GHz (CHPF,CHPR = OPEN)
6GHz (CHPF,CHPR = OPEN)
Figure 7. VDIFF (VDIFF+ − VDIFF−) vs. Applied Return Loss on RFOUT, Bridge Driven
from RFIN at 15 dBm and Variable Return Loss at RFOUT
4.0
0
0.5
1.0
1.5
2.0
2.5
3.0
2
–2
–1
0
1
3.5
–40
–20
10
40
–30
–10
30
020
PIN (dBm)
VRMSF LTE (9MHz BW, PEP =10.39dB)
VRMSF QPSK (5MSPS, PEP = 3.8dB)
VRMSF 16 QAM (5MSPS, PEP = 6.3dB)
VRMSF 64 QAM (5MSPS, PEP = 7.4dB)
VRMS CW PEP = 0dB
ERROR CW
ERROR LTE
ERROR QPSK
ERROR 16 QAM
ERROR 64 QAM
Figure 8. VRMSF Error from CW Linear Reference vs. Signal Modulation,
Frequency = 1 GHz, CRMSF = 0.1 μF, Error Calculated Using Linear
Regression of Data From −15 dBm to +30 dBm (BW Stands for Bandwidth
and PEP Stands for Peak Envelope Power)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com