Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5920ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADL5920ACPZ-R7
Description  9 kHz to 7 GHz, Bidirectional RMS and VSWR Detector
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5920ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADL5920ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5920ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5920ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5920ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5920ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5920ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5920ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5920ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5920ACPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
ADL5920
Data Sheet
Rev. B | Page 12 of 26
4.0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
–30
–20
–10
0
10
30
20
PIN (dBm)
7GHz
6GHz
5GHz
1GHz
100MHz
10MHz
4GHz
3GHz
2GHz
Figure 9. VRMSF Output Voltage vs. PIN at Various Frequencies, Forward Drive
4.0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0.01
0.1
1
10
FREQUENCY (GHz)
+30dBm
+25dBm
+20dBm
+15dBm
+10dBm
+5dBm
0dBm
–5dBm
–10dBm
–15dBm
–20dBm
–25dBm
–30dBm
Figure 10. VRMSF vs. Frequency at Various Input Power Levels, Forward Drive
4.0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0.01
0.1
1
10
FREQUENCY (GHz)
+30dBm
+25dBm
+20dBm
+15dBm
+10dBm
+5dBm
0dBm
–5dBm
–10dBm
–15dBm
–20dBm
–25dBm
–30dBm
Figure 11. VRMSR vs. Frequency at Various Input Power Levels, Reverse Drive
4.0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4
–4
–3
–2
–1
0
1
2
3
–40
–30
–20
–10
0
10
30
20
RF INPUT (dBm)
+85°C VRMSF
+70°C VRMSF
+25°C VRMSF
–40°C VRMSF
+85°C ERROR
+70°C ERROR
+25°C ERROR
–40°C ERROR
Figure 12. VRMSF Output Voltage and Error vs. RF Input and Temperature at
10 MHz, Error Calculated Using Linear Regression of Data Between +30 dBm
and −15 dBm, TADJS = 0 V, TADJI = 0 V, 0.1 µF Across CHPF+, CHPF−
4.0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4
–4
–3
–2
–1
0
1
2
3
–40
–30
–20
–10
0
10
30
20
RF INPUT (dBm)
+85°C VRMSF
+70°C VRMSF
+25°C VRMSF
–40°C VRMSF
+85°C ERROR
+70°C ERROR
+25°C ERROR
–40°C ERROR
Figure 13. VRMSF and Error vs. RF Input and Temperature at 100 MHz, Error
Calculated Using Linear Regression of Data Between +30 dBm and −15 dBm,
TADJS = 0 V, TADJI = 0 V, 0.1 µF Across CHPF+, CHPF−
4.0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4
–4
–3
–2
–1
0
1
2
3
–40
–30
–20
–10
0
10
30
20
RF INPUT (dBm)
+85°C VRMSF
+70°C VRMSF
+25°C VRMSF
–40°C VRMSF
+85°C ERROR
+70°C ERROR
+25°C ERROR
–40°C ERROR
Figure 14. VRMSF and Error vs. RF Input and Temperature at 1 GHz, Error
Calculated Using Linear Regression of Data Between +30 dBm and −15 dBm,
TADJS = 0 V, TADJI = 0 V, 0.1 µF Across CHPF+, CHPF−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com