Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5920ACPZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADL5920ACPZ-R7
Description  9 kHz to 7 GHz, Bidirectional RMS and VSWR Detector
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5920ACPZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADL5920ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5920ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5920ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5920ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5920ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5920ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5920ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADL5920ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADL5920ACPZ-R7 Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
ADL5920
Data Sheet
Rev. B | Page 24 of 26
Figure 45. Evaluation Board Layout, Component Side
Table 7. Evaluation Board Configuration and Operation
Component
Function Description/Comments
Default Value
VPOS, GND1, GND2, C1, C6, C9, C11, C14, C18
Power supply interface and decoupling. Apply a 5 V power
supply from the evaluation board to the VPOS and GND1/GND2
test loops (GND1 and GND2 are connected to a common ground).
The nominal supply decoupling on the VPOS1, VPOS2, and
VPOS3 pins consist of a 100 pF capacitor and a 0.1 µF capacitor
on each power supply pin, with the 100 pF capacitor placed
closer to the pin.
VPOS = 5 V,
GND1 = GND2 = 0 V,
C1, C9, C18 = 0.1 µF (0402),
C6, C11, C14 = 100 pF
(0402)
RFIN, RFOUT, C2, C19
RF inputs and outputs to bridge circuit. The main signal path is
ac-coupled by 0.01 µF, 0201 capacitors, setting the input corner
frequency to approximately 600 kHz. For operation at lower
frequencies, larger capacitor values can be installed. The RFIN
and RFOUT connectors are interchangeable, allowing the source
signal driven into RFOUT with the load connected to RFIN. The
RFIN and RFOUT connectors are 2.92 mm. Take care when
attaching to these connectors because of mechanical fragility.
C2 = C19 = 0.01 µF (0201),
RFIN, RFOUT = 2.92 mm
end launch connector
J1, J2, C20, C21
Calibration path. This path can calibrate out the insertion loss
of the RFIN and RFOUT traces. This signal path is ac-coupled by
0.01 µF, 0201 capacitors. The J1 and J2 connectors are 2.92 mm.
Take care when connecting to these connectors because of
mechanical fragility.
C20 = C21 = 0.01 µF
(0201), J1, J2 = 2.92 mm
end launch connector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com