Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5920ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADL5920ACPZ-R7
Description  9 kHz to 7 GHz, Bidirectional RMS and VSWR Detector
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5920ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADL5920ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5920ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5920ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5920ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5920ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5920ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5920ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5920ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5920ACPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
ADL5920
Data Sheet
Rev. B | Page 14 of 26
22
0
2
4
6
8
10
14
18
20
12
16
2.80
2.85
2.90
2.95
3.05
3.00
3.10
VRMSF (V)
+85°C
+25°C
–40°C
Figure 21. Distribution of VRMSF, PIN = 20 dBm, 1 GHz
18
0
2
4
6
8
10
14
0.45
0.50
0.55
0.60
0.70
0.65
0.80
0.75
VRMSF (V)
16
12
+85°C
+25°C
–40°C
Figure 22. Distribution of VRMSF, PIN = −20 dBm, 1 GHz
8
7
0
1
2
3
4
5
6
56.75
57.00
57.25
57.75
58.25
58.00
SLOPE (mV/dB)
56.50
57.50
Figure 23. Distribution of Slope at 6 GHz
14
0
2
4
6
8
10
12
2.10
2.15
2.20
2.25
2.35
2.30
2.50
2.45
2.40
VRMSF
+85°C
+25°C
–40°C
Figure 24. Distribution of VRMSF, PIN = 20 dBm, 6 GHz
14
0
2
4
6
8
10
12
VRMSF (V)
+85°C
+25°C
–40°C
Figure 25. Distribution of VRMSF, PIN = −10 dBm, 6 GHz
16
14
0
2
4
6
8
10
12
59.5
60.0
60.5
61.0
62.0
61.5
63.0
62.5
SLOPE (mV/dB)
Figure 26. Distribution of Slope at 1 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com