Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7007 Datasheet(PDF) 6 Page - Analog Devices

Part # ADPA7007
Description  20 GHz to 44 GHz, GaAs, pHEMT, 31.5 dBm (>1 W), MMIC Power Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7007 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADPA7007 Datasheet HTML 2Page - Analog Devices ADPA7007 Datasheet HTML 3Page - Analog Devices ADPA7007 Datasheet HTML 4Page - Analog Devices ADPA7007 Datasheet HTML 5Page - Analog Devices ADPA7007 Datasheet HTML 6Page - Analog Devices ADPA7007 Datasheet HTML 7Page - Analog Devices ADPA7007 Datasheet HTML 8Page - Analog Devices ADPA7007 Datasheet HTML 9Page - Analog Devices ADPA7007 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
ADPA7007
Data Sheet
Rev. 0 | Page 6 of 23
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
VDD1
2
VDD3
3
VDD5
4
VGG1
10
VGG2
11
VDD6
12
VDD4
13
VDD2
NOTES
1. NIC = NO INTERNAL CONNECTION. NOTE
THAT DATA SHOWN HEREIN WAS
MEASURED WITH THESE PINS EXTERNALLY
CONNECTED TO RF AND DC GROUND.
2. EXPOSED PAD. THE EXPOSED PAD MUST BE
CONNECTED TO RF AND DC GROUND.
ADPA7007
Figure 2. Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 2, 3, 11, 12, 13
VDD1, VDD3, VDD5,
VDD6, VDD4, VDD2
Drain Bias for the Amplifier.
4, 10
VGG1, VGG2
Amplifier Gate Control. ESD protection diodes are included and turn on below −1.5 V.
5, 9
NIC
Not Internally Connected. Note that data shown herein was measured with these pins externally
connected to RF and dc ground.
6, 8, 15, 17
GND
Ground Pins. Connect the GND pins and the exposed pad to RF and dc ground.
7
RFIN
RF Signal Input. This pin is ac-coupled and internally matched to 50 Ω.
14
VDET
Detector Diode Used for Measuring the RF Output Power. Detection via VDET requires the application
of a dc bias voltage through an external series resistor. Used in combination with VREF, the difference
voltage, VREF − VDET, is a temperature compensated dc voltage proportional to the RF output power.
16
RFOUT
RF Signal Output. RFOUT is ac-coupled and internally matched to 50 Ω.
18
VREF
Reference Diode Used for Temperature Compensation of VDET RF Output Power Measurements.
Detection via VERF requires the application of a dc bias voltage through an external series resistor.
Used in combination with VDET, this voltage provides temperature compensation to VDET RF output
power measurements.
EPAD
Exposed Pad. The exposed pad must be connected to RF and dc ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com