Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7007 Datasheet(PDF) 8 Page - Analog Devices

Part # ADPA7007
Description  20 GHz to 44 GHz, GaAs, pHEMT, 31.5 dBm (>1 W), MMIC Power Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7007 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADPA7007 Datasheet HTML 4Page - Analog Devices ADPA7007 Datasheet HTML 5Page - Analog Devices ADPA7007 Datasheet HTML 6Page - Analog Devices ADPA7007 Datasheet HTML 7Page - Analog Devices ADPA7007 Datasheet HTML 8Page - Analog Devices ADPA7007 Datasheet HTML 9Page - Analog Devices ADPA7007 Datasheet HTML 10Page - Analog Devices ADPA7007 Datasheet HTML 11Page - Analog Devices ADPA7007 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
ADPA7007
Data Sheet
Rev. 0 | Page 8 of 23
TYPICAL PERFORMANCE CHARACTERISTICS
30
–20
–15
–5
5
15
25
–10
0
10
20
14
46
42
38
34
44
40
36
30
26
22
18
16
32
28
24
20
FREQUENCY (GHz)
INPUT RETURN LOSS
GAIN
OUTPUT RETURN LOSS
Figure 10. Gain and Return Loss vs. Frequency, VDD = 5 V, IDQ = 1400 mA
28
10
14
18
22
26
12
16
20
24
18
44
40
42
38
34
36
30
26
22
20
32
28
24
FREQUENCY (GHz)
4V
5V
Figure 11. Gain vs. Frequency for Various VDD, IDQ = 1400 mA
0
–25
–15
–5
–20
–10
18
44
40
42
38
34
36
30
26
22
20
32
28
24
FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 12. Input Return Loss vs. Frequency for Various Temperatures,
VDD = 5 V, IDQ = 1400 mA
26
8
10
14
18
22
12
16
20
24
18
44
40
42
38
34
36
30
26
22
20
32
28
24
FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 13. Gain vs. Frequency for Various Temperatures, VDD = 5 V,
IDQ = 1400 mA
26
12
14
18
22
16
20
24
18
44
40
42
38
34
36
30
26
22
20
32
28
24
FREQUENCY (GHz)
1000mA
1200mA
1400mA
1500mA
1600mA
1800mA
Figure 14. Gain vs. Frequency for Various IDQ, VDD = 5 V
0
–25
–15
–5
–20
–10
18
44
40
42
38
34
36
30
26
22
20
32
28
24
FREQUENCY (GHz)
4V
5V
Figure 15. Input Return Loss vs. Frequency for Various VDD,
IDQ = 1400 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com