Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7007 Datasheet(PDF) 18 Page - Analog Devices

Part # ADPA7007
Description  20 GHz to 44 GHz, GaAs, pHEMT, 31.5 dBm (>1 W), MMIC Power Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7007 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADPA7007 Datasheet HTML 14Page - Analog Devices ADPA7007 Datasheet HTML 15Page - Analog Devices ADPA7007 Datasheet HTML 16Page - Analog Devices ADPA7007 Datasheet HTML 17Page - Analog Devices ADPA7007 Datasheet HTML 18Page - Analog Devices ADPA7007 Datasheet HTML 19Page - Analog Devices ADPA7007 Datasheet HTML 20Page - Analog Devices ADPA7007 Datasheet HTML 21Page - Analog Devices ADPA7007 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
ADPA7007
Data Sheet
Rev. 0 | Page 18 of 23
BIASING ADPA7007 WITH THE HMC980LP4E
The HMC980LP4E is an active bias controller that measures
and regulates drain current by automatically adjusting the gate
voltage. The HMC980LP4E can control the biasing of RF
amplifiers with drain voltages up to 16.5 V and currents up to
1.6 A. The controller provides constant drain current biasing
over temperature and device to device variation, and properly
sequences gate and drain voltages to ensure the safe operation
of the amplifier.
The HMC980LP4E offers self protection in the event of a short
circuit, as well as an internal charge pump that generates the
negative voltage required on the gate of the ADPA7007. The
HMC980LP4E also provides the option to use an external
negative voltage source. The HMC980LP4E is also available in
die form as the HMC980.
APPLICATION CIRCUIT SETUP
Figure 56 shows a schematic of an application circuit using the
two HMC980LP4E devices to control the ADPA7007. When
using an external negative supply for VNEG, refer to the
schematic in Figure 57.
Although the ADPA7007 is specified with a quiescent drain
current of 1400 mA, the operational drain current, IDRAIN, required
to achieve the maximum output power from the ADPA7007
must be set closer to 1800 mA. The IDRAIN current increases to
approximately 1800 mA when the RF input power is 15 dBm,
the approximate input compression point (see Figure 41). As a
result, a target IDRAIN of 1800 mA is chosen.
Two HMC980LP4E devices are needed to support current
levels at 1800 mA because a single HMC980LP4E device can
support a maximum current of 1600 mA. In the application
circuit shown in Figure 56 and Figure 57, the ADPA7007 drain
voltage and drain current are set by the following equations:
VDRAIN = VDD − IDRAIN × 0.85 Ω
(1)
where:
VDRAIN = 5 V, the drain voltage from Pin 17 and Pin 18 of the
HMC980LP4E.
VDD = 5.765 V, the supply voltage to the HMC980LP4E.
IDRAIN = 1800 mA, the constant drain current from Pin 17 and
Pin 18 on the HMC980LP4E.
150
DRAIN
R10
I
Ω
=
(2)
where:
IDRAIN = 900 mA (for each HMC980LP4E, per the dual bias
setup in Figure 56).
R10 = 166.66 Ω.
LIMITING VGATE AND VNEG FOR ADPA7007 VGGX
ABSOLUTE MAXIMUM RATING REQUIREMENT
When using the HMC980LP4E to control the ADPA7007, set
the minimum voltages for the VNEG and VGATE pins of the
HMC980LP4E to −1.5 V to keep these voltages within the absolute
maximum rating limits for the VGGx pins of the ADPA7007. To
set the minimum voltages, use the R15 and R16 resistors shown
in Figure 56 and Figure 57. Refer to the AN-1363 Application
Note, Meeting Biasing Requirements of Externally Biased
RF/Microwave Amplifiers with Active Bias Controllers, for more
information and calculations for R15 and R16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com