Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7007 Datasheet(PDF) 17 Page - Analog Devices

Part # ADPA7007
Description  20 GHz to 44 GHz, GaAs, pHEMT, 31.5 dBm (>1 W), MMIC Power Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7007 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADPA7007 Datasheet HTML 13Page - Analog Devices ADPA7007 Datasheet HTML 14Page - Analog Devices ADPA7007 Datasheet HTML 15Page - Analog Devices ADPA7007 Datasheet HTML 16Page - Analog Devices ADPA7007 Datasheet HTML 17Page - Analog Devices ADPA7007 Datasheet HTML 18Page - Analog Devices ADPA7007 Datasheet HTML 19Page - Analog Devices ADPA7007 Datasheet HTML 20Page - Analog Devices ADPA7007 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
Data Sheet
ADPA7007
Rev. 0 | Page 17 of 23
APPLICATIONS INFORMATION
Figure 55 shows the basic connections for operating the
ADPA7007. All measurements for this device were taken using
the typical application circuit shown in Figure 55.
Capacitive bypassing is required for all VGGx and VDDx pins. VGG1
and VGG2 are the gate bias pins, and VDD1 to VDD6 are the drain
bias pins for the cascaded amplifier.
The power supply and gate voltage decoupling capacitors
shown in Figure 55 represent the configuration that was used to
characterize and qualify the device. There may be scopes to
reduce the number of capacitors, but scopes vary from system
to system. It is recommended to first remove or combine the
largest capacitors that are farthest from the device. The
following is the recommended bias sequence during power-up:
1. Connect the power supply ground to circuit ground (GND).
2. Set the gate bias voltages, VGG1 and VGG2, to −1.5 V.
3. Set all drain bias voltages (VDDx) to 5 V.
4. Increase the gate bias voltage to achieve the quiescent
supply current and set IDQ = 1400 mA.
5. Apply the RF signal.
The following is the recommended bias sequence during
power-down:
1. Turn off the RF signal.
2. Decrease the gate bias voltages, VGG1 and VGG2, to −1.5 V to
achieve an IDQ = 0 mA (approximately).
3. Decrease all drain bias voltages to 0 V.
4. Increase the VGGx gate bias voltage to 0 V.
The VDD = 5 V and IDQ = 1400 mA bias conditions are recom-
mended to optimize overall performance when the gate voltage
is being held at a fixed value (note that with the gate voltage held at
a fixed value, the drain current, IDD, increases as the RF input
power level is increased, as shown in Figure 41). Unless otherwise
noted, the data shown was taken using the recommended bias
conditions. Operation of the ADPA7007 at different bias
conditions can result in different performance. Biasing the
ADPA7007 for higher quiescent drain current typically results
in higher gain and output P1dB at the expense of increased
power dissipation (see Table 8).
Table 8. Power Selection1,2
IDQ (mA)
Gain (dB)
Output P1dB (dBm)
Output IP3 (dBm)
PDISS (W)
VGGx (V)
1200
15.80
31.89
42.90
6
−0.73
1400
16.20
31.93
41.30
7
−0.68
1600
16.50
31.95
39.55
8
−0.63
1
Data taken at the following nominal bias conditions: VDD = 5 V, TA = 25°C, frequency = 32 GHz.
2
Adjust VGG1 and VGG2 from −1.5 V to 0 V to achieve the desired quiescent drain current, IDQ.
4
3
2
1
C31
4.7µF
C26
1000pF
C21
100pF
C16
4.7µF
C10
1000pF
C4
100pF
C17
4.7µF
C11
1000pF
C5
100pF
C15
4.7µF
C9
1000pF
C3
100pF
C2
100pF
C8
1000pF
C14
4.7µF
C1
100pF
C7
1000pF
C13
4.7µF
C6
100pF
C12
1000pF
C18
4.7µF
C23
100pF
C19
1000pF
C30
4.7µF
RFOUT
RFIN
VDET
VREF
ADPA7007
5
6
7
8
9
18
17
16
15
14
10
11
12
13
VGG1
VGG2
VDD1,
VDD3,
VDD5
+5V
+5V
–5V
VDD2,
VDD4,
VDD6
–
+
100kΩ
100kΩ
10kΩ
10kΩ
VOUT = VREF – VDET
10kΩ
10kΩ
SUGGESTED CIRCUIT
Figure 55. Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com