Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7007 Datasheet(PDF) 12 Page - Analog Devices

Part # ADPA7007
Description  20 GHz to 44 GHz, GaAs, pHEMT, 31.5 dBm (>1 W), MMIC Power Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7007 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADPA7007 Datasheet HTML 8Page - Analog Devices ADPA7007 Datasheet HTML 9Page - Analog Devices ADPA7007 Datasheet HTML 10Page - Analog Devices ADPA7007 Datasheet HTML 11Page - Analog Devices ADPA7007 Datasheet HTML 12Page - Analog Devices ADPA7007 Datasheet HTML 13Page - Analog Devices ADPA7007 Datasheet HTML 14Page - Analog Devices ADPA7007 Datasheet HTML 15Page - Analog Devices ADPA7007 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
ADPA7007
Data Sheet
Rev. 0 | Page 12 of 23
36
32
0
8
16
24
4
12
20
28
2020
1940
1300
1460
1620
1780
1380
1540
1700
1860
–15
15
5
–5
–10
10
0
INPUT POWER (dBm)
POUT
GAIN
PAE
IDD
Figure 34. POUT, Gain, PAE, and IDD vs. Input Power,
34 GHz, VDD = 5 V, IDD = 1400 mA
32
0
8
16
24
4
12
20
28
2260
1300
1540
1780
2020
1420
1660
1900
2140
–15
15
5
–5
–10
10
0
INPUT POWER (dBm)
POUT
GAIN
PAE
IDD
Figure 35. POUT, Gain, PAE, and IDD vs. Input Power,
44 GHz, VDD = 5 V, IDD = 1400 mA
50
15
20
30
40
25
35
45
18
44
40
42
38
34
36
30
26
22
20
32
28
24
FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 36. Output IP3 vs. Frequency for Various Temperatures,
POUT per Tone = 16 dBm, VDD = 5 V, IDQ = 1400 mA
32
0
8
16
24
4
12
20
28
2020
1300
1480
1660
1840
1390
1570
1750
1930
–15
15
5
–5
–10
10
0
INPUT POWER (dBm)
POUT
GAIN
PAE
IDD
Figure 37. POUT, Gain, PAE, and IDD vs. Input Power,
38 GHz, VDD = 5 V, IDD = 1400 mA
50
15
20
30
40
25
35
45
18
44
40
42
38
34
36
30
26
22
20
32
28
24
FREQUENCY (GHz)
4V
5V
Figure 38. Output IP3 vs. Frequency for Various VDD,
POUT per Tone = 16 dBm, IDQ = 1400 mA
50
15
20
30
40
25
35
45
18
44
40
42
38
34
36
30
26
22
20
32
28
24
FREQUENCY (GHz)
1000mA
1200mA
1400mA
1500mA
1600mA
1800mA
Figure 39. Output IP3 vs Frequency for Various IDQ, POUT per Tone = 16 dBm,
VDD = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com