Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7007 Datasheet(PDF) 1 Page - Analog Devices

Part # ADPA7007
Description  20 GHz to 44 GHz, GaAs, pHEMT, 31.5 dBm (>1 W), MMIC Power Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7007 Datasheet(HTML) 1 Page - Analog Devices

  ADPA7007 Datasheet HTML 1Page - Analog Devices ADPA7007 Datasheet HTML 2Page - Analog Devices ADPA7007 Datasheet HTML 3Page - Analog Devices ADPA7007 Datasheet HTML 4Page - Analog Devices ADPA7007 Datasheet HTML 5Page - Analog Devices ADPA7007 Datasheet HTML 6Page - Analog Devices ADPA7007 Datasheet HTML 7Page - Analog Devices ADPA7007 Datasheet HTML 8Page - Analog Devices ADPA7007 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
20 GHz to 44 GHz, GaAs, pHEMT,
31.5 dBm (>1 W), MMIC Power Amplifier
Data Sheet
ADPA7007
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rights of third parties that may result from its use. Specifications subject to change without notice.
No license is granted by implication or otherwise under any patent or patent rights of Analog
Devices.Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2020 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Output P1dB: 29 dBm typical at 34 GHz to 44 GHz
PSAT: 31.5 dBm typical at 26 GHz to 34 GHz
Gain: 20.5 dB typical at 34 GHz to 44 GHz
Output IP3: up to 42.5 dBm typical
Supply voltage: 5 V at 1400 mA
50 Ω matched input/output
18-terminal, 7 mm × 7 mm LCC_HS package
Integrated power detector
APPLICATIONS
Military and space
Test instrumentation
Communications
FUNCTIONAL BLOCK DIAGRAM
1
VDD1
2
VDD3
3
VDD5
4
VGG1
10
VGG2
11
VDD6
12
VDD4
13
VDD2
ADPA7007
Figure 1.
GENERAL DESCRIPTION
The ADPA7007 is a gallium arsenide (GaAs), pseudomorphic
high electron mobility transfer (pHEMT), monolithic microwave
integrated circuit (MMIC), 31.5 dBm saturated output power
(>1 W) power amplifier, with an integrated temperature
compensated, on-chip power detector that operates between
20 GHz and 44 GHz. The ADPA7007 provides 20.5 dB of small
signal gain and approximately 32 dBm of saturated output power
at 32 GHz from a 5 V supply (see Figure 26). The ADPA7007
has an output IP3 of 42.5 dBm and is ideal for linear
applications such as electronic countermeasure and
instrumentation applications requiring >30 dBm of efficient
saturated output power. The RF input/outputs are internally
matched and dc blocked for ease of integration into higher level
assemblies. The ADPA7007 is packaged in a 7 mm × 7 mm,
18-terminal ceramic leadless chip carrier with heat sink
(LCC_HS) that exhibits low thermal resistance and is
compatible with surface-mount manufacturing techniques.


Similar Part No. - ADPA7007

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPA7001CHIPS AD-ADPA7001CHIPS Datasheet
573Kb / 18P
Wideband Power Amplifier
3/2019-Rev. 0 to Rev. A
ADPA7001CHIPS AD-ADPA7001CHIPS Datasheet
985Kb / 18P
50 GHz to 95 GHz, GaAs, pHEMT, MMIC, Wideband Power Amplifier
Rev. B
ADPA7001CHIPS-SX AD-ADPA7001CHIPS-SX Datasheet
573Kb / 18P
Wideband Power Amplifier
3/2019-Rev. 0 to Rev. A
ADPA7001CHIPS-SX AD-ADPA7001CHIPS-SX Datasheet
985Kb / 18P
50 GHz to 95 GHz, GaAs, pHEMT, MMIC, Wideband Power Amplifier
Rev. B
ADPA7001CHIPS AD-ADPA7001CHIPS_V01 Datasheet
985Kb / 18P
50 GHz to 95 GHz, GaAs, pHEMT, MMIC, Wideband Power Amplifier
Rev. B
More results

Similar Description - ADPA7007

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC943LP5E HITTITE-HMC943LP5E Datasheet
1Mb / 8P
GaAs pHEMT MMIC 1.5 WATT POWER AMPLIFIER, 24 - 31.5 GHz
logo
Analog Devices
ADPA7008CHIP AD-ADPA7008CHIP Datasheet
403Kb / 26P
20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 31 dBm (1 W) Power Amplifier
3/2021-Revision 0
ADPA7009CHIP AD-ADPA7009CHIP Datasheet
625Kb / 28P
20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 29 dBm (0.5 W) Power Amplifier
3/2021-Revision 0
HMC943APM5E AD-HMC943APM5E Datasheet
437Kb / 18P
>1.5 W (34 dBm), 24 GHz to 34 GHz, GaAs, pHEMT, MMIC, Power Amplifier
11/2018-Rev. A to Rev. B
HMC1040CHIPS AD-HMC1040CHIPS Datasheet
349Kb / 14P
20 GHz to 44 GHz, GaAs, pHEMT, MMIC, Low Noise Amplifier
4/2018-Revision 0
ADPA7005CHIP AD-ADPA7005CHIP Datasheet
517Kb / 23P
GaAs, pHEMT, MMIC,1 W Power Amplifier, 20 GHz to 44 GHz
2/2019-Revision 0
ADPA7006CHIP AD-ADPA7006CHIP Datasheet
460Kb / 24P
18 GHz to 44 GHz, GaAs, pHEMT, MMIC, 1/2 W Power Amplifier
7/2019-Revision 0
ADPA7008 AD-ADPA7008 Datasheet
2Mb / 28P
20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 31 dBm (1 W) Power Amplifier
Rev. 0
ADPA7005-EVALZ AD-ADPA7005-EVALZ Datasheet
287Kb / 6P
Evaluating the ADPA7005 18 GHz to 44 GHz, GaAs, pHEMT, 32 dBm (>1 W), MMIC Power Amplifier
Rev. A
ADPA7009-2 AD-ADPA7009-2 Datasheet
1Mb / 24P
20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 29 dBm (0.5 W) Power Amplifier
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com