Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7007 Datasheet(PDF) 2 Page - Analog Devices

Part # ADPA7007
Description  20 GHz to 44 GHz, GaAs, pHEMT, 31.5 dBm (>1 W), MMIC Power Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7007 Datasheet(HTML) 2 Page - Analog Devices

  ADPA7007 Datasheet HTML 1Page - Analog Devices ADPA7007 Datasheet HTML 2Page - Analog Devices ADPA7007 Datasheet HTML 3Page - Analog Devices ADPA7007 Datasheet HTML 4Page - Analog Devices ADPA7007 Datasheet HTML 5Page - Analog Devices ADPA7007 Datasheet HTML 6Page - Analog Devices ADPA7007 Datasheet HTML 7Page - Analog Devices ADPA7007 Datasheet HTML 8Page - Analog Devices ADPA7007 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
ADPA7007
Data Sheet
Rev. 0 | Page 2 of 23
TABLE OF CONTENTS
Features.............................................................................................. 1
Applications ...................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description......................................................................... 1
Revision History ............................................................................... 2
Specifications .................................................................................... 3
20 GHz to 26 GHz Frequency Range ........................................ 3
26 GHz to 34 GHz Frequency Range ........................................ 3
34 GHz to 44 GHz Frequency Range ........................................ 4
Absolute Maximum Ratings ........................................................... 5
Thermal Resistance ...................................................................... 5
Electrostatic Discharge (ESD) Ratings...................................... 5
ESD Caution.................................................................................. 5
Pin Configuration and Function Descriptions ............................ 6
Interface Schematics .................................................................... 7
Typical Performance Characteristics .............................................8
Constant IDD Operation............................................................. 15
Theory of Operation ...................................................................... 16
Applications Information ............................................................. 17
Biasing ADPA7007 with the HMC980LP4E .............................. 18
Application Circuit Setup ......................................................... 18
Limiting VGATE and VNEG for ADPA7007 VGGx Absolute
Maximum Rating Requirement ............................................... 18
HMC980LP4E Bias Sequence................................................... 21
Constant Drain Current Biasing vs. Constant Gate Voltage
Biasing.......................................................................................... 21
Outline Dimensions....................................................................... 23
Ordering Guide .......................................................................... 23
REVISION HISTORY
7/2020—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com