Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7007 Datasheet(PDF) 3 Page - Analog Devices

Part # ADPA7007
Description  20 GHz to 44 GHz, GaAs, pHEMT, 31.5 dBm (>1 W), MMIC Power Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7007 Datasheet(HTML) 3 Page - Analog Devices

  ADPA7007 Datasheet HTML 1Page - Analog Devices ADPA7007 Datasheet HTML 2Page - Analog Devices ADPA7007 Datasheet HTML 3Page - Analog Devices ADPA7007 Datasheet HTML 4Page - Analog Devices ADPA7007 Datasheet HTML 5Page - Analog Devices ADPA7007 Datasheet HTML 6Page - Analog Devices ADPA7007 Datasheet HTML 7Page - Analog Devices ADPA7007 Datasheet HTML 8Page - Analog Devices ADPA7007 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Data Sheet
ADPA7007
Rev. 0 | Page 3 of 23
SPECIFICATIONS
20 GHz TO 26 GHz FREQUENCY RANGE
TA = 25°C, drain bias voltage (VDD) = 5 V, and quiescent drain current (IDQ) = 1400 mA for nominal operation, unless otherwise noted.
50 Ω matched input/output.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
20
26
GHz
GAIN
18
20
dB
Gain Flatness
±1
dB
Gain Variation over
Temperature
0.021
dB/°C
NOISE FIGURE
6
dB
RETURN LOSS
Input
12
dB
Output
12
dB
OUTPUT
Output Power for 1 dB
Compression
P1dB
26.5
29
dBm
Saturated Output Power
PSAT
30
dBm
Output Third-Order
Intercept
IP3
39
dBm
Measurement taken at output power (POUT) per tone = 16 dBm
POWER ADDED EFFICIENCY
PAE
11
%
Measured at PSAT
SUPPLY
Adjust VGGx from −1.5 V up to 0 V to achieve the desired IDQ,
VGGx = −0.685 V typical to achieve IDQ = 1400 mA
Quiescent Drain Current
IDQ
1400
mA
Drain Bias Voltage
VDD
4
5
V
26 GHz TO 34 GHz FREQUENCY RANGE
TA = 25°C, VDD = 5 V, and IDQ = 1400 mA for nominal operation, unless otherwise noted. 50 Ω matched input/output.
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
26
34
GHz
GAIN
19.5
21.5
dB
Gain Flatness
±0.5
dB
Gain Variation over
Temperature
0.021
dB/°C
NOISE FIGURE
5.5
dB
RETURN LOSS
Input
13
dB
Output
13
dB
OUTPUT
Output Power for 1 dB
Compression
P1dB
28
30
dBm
Saturated Output Power
PSAT
31.5
dBm
Output Third-Order
Intercept
IP3
42.5
dBm
Measurement taken at POUT per tone = 16 dBm
POWER ADDED EFFICIENCY
PAE
14
%
Measured at PSAT
SUPPLY
Adjust VGGx from −1.5 V up to 0 V to achieve the desired IDQ,
VGGx = −0.685 V typical to achieve IDQ = 1400 mA
Current
IDQ
1400
mA
Voltage
VDD
4
5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com