Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HB28D032MM2 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # HB28D032MM2
Description  MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HB28D032MM2 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button HB28D032MM2 Datasheet HTML 45Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 46Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 47Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 48Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 49Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 50Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 51Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 52Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 90 page
background image
HB28H016/D032/B064/B128MM2
Rev.5.0, Jan. 2003, page 47 of 88
Bits
Identifier
Type
Value
Description
Clear Condition
16
CID_OVERWRITE/
CSD_OVERWRITE
E R X ’0’= no error
’1’= error
can be either one of the following
errors:
• The CID register is already
written and can not be
overwritten.
• The read only section of the
CSD does not match the card
content.
• An attempt to reverse the
copy (set as original) or
permanent WP (unprotected)
bits was done.
C
15
WP_ERASE_SKIP
S X
’0’= not protected
’1’= protected
Only partial address space was
erased due to existing WP blocks.
C
14
CARD_ECC_
DISABLED
S X
’0’= enabled
’1’= disabled
The command has been executed
without using the internal ECC.
A
13
ERASE_RESET
S R
’0’= cleared
’1’= set
An erase sequence was cleared
before executing because an out
of erase sequence command was
received
C
12:9
CURRENT_STATE
S X
0 = idle
1 = ready
2 = ident
3 = stby
4 = tran
5 = data
6 = rcv
7 = prg
8 = dis
9-15 = reserved
Current state of the card.
B
8
BUFFER_EMPTY
S X
’0’= not empty
’1’= empty
corresponds to buffer empty
signaling on the bus
A
7:6
reserved
Permanently 0
5
APP_CMD
S R
’0’= disabled
’1’= enabled
The card will expect APP_CMD or
indication that the command has
been interpreted as APP_CMD.
C
4
reserved
Permanently 0
3:2
reserved for application specific commands
1:0
reserved for manufacturer test mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com