Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HB28D032MM2 Datasheet(PDF) 79 Page - Renesas Technology Corp

Part # HB28D032MM2
Description  MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HB28D032MM2 Datasheet(HTML) 79 Page - Renesas Technology Corp

Back Button HB28D032MM2 Datasheet HTML 75Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 76Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 77Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 78Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 79Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 80Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 81Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 82Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 83Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 90 page
background image
HB28H016/D032/B064/B128MM2
Rev.5.0, Jan. 2003, page 77 of 88
Initialization delay: The maximum of
1 msec, 74 clock cycles and supply
ramp up time
CMD1
CMD1
CMD1
CMD2
Optional repetitions of CMD1
until no cards are responding
with busy bit set.
3.6 V
2.0 V
2.7 V
Bus master supply voltage
Card logic working
voltage range
Memory field
working voltage
range
Power up time
Supply ramp up time
N
CC
N
CC
N
CC
Initialization sequence
Time
Power-up Diagram
• After power up (including hot insertion, i.e. inserting a card when the bus is operating) the
MultiMediaCard enters the idle state. During this state the MultiMediaCard ignores all bus transactions
until CMD1 is received.
• CMD1 is a special synchronization command used to negotiate the operation voltage range and to poll
the cards until they are out of their power-up sequence. Besides the operation voltage pro-file of the
cards, the response to CMD1 contains a busy flag, indicating that the card is still working on its power-
up procedure and is not ready for identification. This bit informs the host that at least one card is not
ready. The host has to wait (and continue to poll the cards) until this bit is cleared.
• Getting individual cards, as well as the whole MultiMediaCard system, out of idle state is up to the
responsibility of the bus master. Since the power up time and the supply ramp up time depend on
application parameters such as the maximum number of MultiMediaCards, the bus length and the
power supply unit, the host must ensure that the power is built up to the operating level (the same level
which will be specified in CMD1) before CMD1 is transmitted.
• After power up the host starts the clock and sends the initializing sequence on the CMD line. This
sequence is a contiguous stream of logical ‘1’s. The sequence length is the maximum of 1 msec, 74
clocks or the supply-ramp-up-time; The additional 10 clocks (over the 64 clocks after what the card
should be ready for communication) are provided to eliminate power-up synchronization problems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com