Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HB28D032MM2 Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # HB28D032MM2
Description  MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HB28D032MM2 Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button HB28D032MM2 Datasheet HTML 81Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 82Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 83Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 84Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 85Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 86Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 87Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 88Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 90 page
background image
HB28H016/D032/B064/B128MM2
Rev.5.0, Jan. 2003, page 83 of 88
Input
Output
: Invalid
Clock
tPP
VIH
VIL
VOH
VOL
VIH
VIL
tOH
tWH
tWL
tOSU
tISU
tIH
tHL
tLH
Valid data
Valid data
;;
Valid data
;
Timing Diagram of Data Input and Output
The access time (t
AT) is divided into two parts:
• T
SAD:
The synchronous access time. This time defines the time of the maximum number of cycles
which are required to access a byte of the memory field.
• T
AAD:
The asynchronous access time to read a byte out of the memory field.
The synchronous part of the access time is sum of the command frame length and some additional internal
cycles (N
SAD = 16 cycles).
At 20 MHz one cycle is 50 ns (1/f
PP), multiplied with NSAD the resulting frame
time is T
SAD = 0.8 µs.
The asynchronous access delay of these Hitachi MultiMediaCards is T
AAD = 300 µs
maximum. The resulting memory access time t
AT is the sum of both parts:
t
AT = TAAD + TSAD
with
T
SAD = NSAD/fPP
DAT
CMD
TSAD
tAT
TAAD
command frame
response frame
data
Access Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com