Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HB28D032MM2 Datasheet(PDF) 77 Page - Renesas Technology Corp

Part # HB28D032MM2
Description  MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HB28D032MM2 Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button HB28D032MM2 Datasheet HTML 73Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 74Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 75Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 76Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 77Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 78Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 79Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 80Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 90 page
background image
HB28H016/D032/B064/B128MM2
Rev.5.0, Jan. 2003, page 75 of 88
Power Supply
Power Supply Decoupling
The V
SS1, VSS2 and VCC lines supply the card with operating voltage.
For this, decoupling capacitors for
buffering current peak are used. These capacitors are placed on the bus side corresponding to Figure
“Power Supply Decoupling”.
MultiMediaCard
V
SS1
V
CC
V
SS2
single card slot
single card slot
L
max = 13 mm
C = 0.1 µF
C
Power Supply Decoupling
The host controller includes a central buffer capacitor for V
CC.
Its value is C
buf = 1µF/slot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com