Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HB28D032MM2 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HB28D032MM2
Description  MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HB28D032MM2 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HB28D032MM2 Datasheet HTML 1Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 2Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 3Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 4Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 5Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 6Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 7Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 8Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 90 page
background image
HB28H016MM2/HB28D032MM2
HB28B064MM2/HB28B128MM2
MultiMediaCard
16 MByte/32 MByte/64 MByte/128 MByte
ADE-203-1294E (Z)
Rev. 5.0
Jan. 16, 2003
Description
These Hitachi MultiMediaCard
s, HB28H016MM2, HB28D032MM2, HB28B064MM2 and
HB28B128MM2, are highly integrated flash memories with serial and random access capability. It is
accessible via a dedicated serial interface optimized for fast and reliable data transmission. This interface
allows several cards to be stacked by through connecting their peripheral contacts. These Hitachi
MultiMediaCards are fully compatible to a new consumer standard, called the MultiMediaCard system
standard defined in the MultiMediaCard system specification [1]. The MultiMediaCard system is a new
mass-storage system based on innovations in semiconductor technology. It has been developed to provide
an inexpensive, mechanically robust storage medium in card form for multimedia consumer applications.
MultiMediaCard allows the design of inexpensive players and drives without moving parts. A low power
consumption and a wide supply voltage range favors mobile, battery-powered applications such as audio
players, organizers, palmtops, electronic books, encyclopedia and dictionaries. Using very effective data
compression schemes such as MPEG, the MultiMediaCard will deliver enough capacity for all kinds of
multimedia data: software/programs, text, music, speech, images, video etc.
Note:
MultiMediaCard
 is a trademark of Infineon Technologies AG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com