Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HB28D032MM2 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HB28D032MM2
Description  MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HB28D032MM2 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HB28D032MM2 Datasheet HTML 3Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 4Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 5Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 6Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 7Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 8Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 9Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 10Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 90 page
background image
HB28H016/D032/B064/B128MM2
Rev.5.0, Jan. 2003, page 5 of 88
MultiMediaCard Mode Pad Definition
Pin No.
Name
Type*
1
Description
1
RSV
NC
No connection
2
CMD
I/O/PP/OD
Command/Response
3
V
SS1
S
Ground
4
V
CC
S
Power supply
5
CLK
I
Clock
6
V
SS2
S
Ground
7
DAT
I/O/PP
Data
Note:
1. S: power supply; I: input; O: output; PP: push-pull; OD: open-drain; NC: No connection or V
IH
enable
enable
Interface driver
DAT
CMD
V
SS1
V
CC
CLK
V
SS2
RSV
MultiMediaCard Mode I/O-drivers
SPI Mode
The Serial Peripheral Interface (SPI) is a general-purpose synchronous serial interface originally found on
certain Motorola microcontrollers. The MultiMediaCard SPI interface is compatible with SPI hosts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com