Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HB28D032MM2 Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # HB28D032MM2
Description  MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HB28D032MM2 Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button HB28D032MM2 Datasheet HTML 78Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 79Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 80Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 81Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 82Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 83Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 84Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 85Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 90 page
background image
HB28H016/D032/B064/B128MM2
Rev.5.0, Jan. 2003, page 80 of 88
Absolute Maximum Ratings
Absolute maximum ratings are those values beyond which damage to the device may occur. Functional
operation under these conditions or at any other condition beyond those indicated in the operational
sections of this specification is not implied:
Parameter
Symbol
Min
Max
Unit
Remark
Supply voltage
V
CC
–0.5
4.6
V
Total power dissipation
P
d
288
mW
ESD
protection
Contact Pads
–4
4
kV
Human body model
according to ANSI/EOS
ESD-S5.1-1998
Non Contact Pads
coupling plane discharge
–8
8
kV
Human body model
according to IEC61000-4-
2
Non Contact Pads
air discharge
–15
15
kV
Inputs
Input voltage
V
Imax
–0.5
V
CC + 0.5
V
• max (V
CC)
Outputs
Output voltage
V
Omax
–0.5
V
CC + 0.5
V
• max (V
CC)
High-level output current
I
OHmax
–100
mA
short cut protected
Low-level output current
I
OLmax
150
mA
short cut protected
Bus Signal Line Load
The total capacitance C
L of each line of the MultiMediaCard bus is the sum of the bus master capacitance
C
HOST, the bus capacitance CBUS itself and the capacitance CCARD of each card connected to this line:
C
L = CHOST + CBUS + N*CCARD
where N is the number of connected cards. Requiring the sum of the host and bus capacitance’s not to
exceed 30 pF for up to 10 cards, and 40 pF for up to 30 cards, the following values must not be exceeded:
Parameter
Symbol
Min
Max
Unit
Remark
Pull-up resistance for CMD
R
CMD
4.7
100
k
Ω
to prevent bus floating
Pull-up resistance for DAT
R
DAT
50
100
k
Ω
to prevent bus floating
Bus signal line capacitance
C
L
—
250
pF
f
PP ≤ 5 MHz,
30 cards
Bus signal line capacitance
C
L
—
100
pF
f
PP ≤ 20 MHz,
10 cards
Maximum signal line inductance
—
16
nH
f
PP ≤ 20 MHz
Note:
1. The value of pull-up resistance should be optimized according to the host system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com