Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HB28D032MM2 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # HB28D032MM2
Description  MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HB28D032MM2 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button HB28D032MM2 Datasheet HTML 17Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 18Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 19Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 20Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 21Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 22Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 23Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 24Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 90 page
background image
HB28H016/D032/B064/B128MM2
Rev.5.0, Jan. 2003, page 19 of 88
• DEFAULT_ECC
Set by the card manufacturer and defines the ECC code which is recommended to use (e.g. the device is
tested for). The value is set to ‘0’, indicating that no designated ECC is recommended.
• R2W_FACTOR
Defines the typical block program time as a multiple of the read access time. The following table defines
the field format.
R2W_FACTOR
R2W_FACTOR
Multiples of read access time
0
1
1
2 (write half as fast as read)
2
4
3
8
4
16
5
32
6, 7
reserved
This parameter value is 2 for these Hitachi MultiMediaCards.
• WRITE_BLK_LEN
The data block length is computed as 2
WRITE_BLK_LEN.
Data Block Length
WRITE_BLK_LEN
Block length
Remark
0
2
0 = 1 byte
1
2
1 = 2 bytes
......
......
11
2
11 = 2048 bytes
12–15
reserved
The block length might therefore be in the range 1, 2, 4...2048 bytes. This parameter defines the block
length if WRITE_BLK_PARTIAL is not set. If WRITE_BLK_PARTIAL is set this parameter contains the
maximum allowed value of the block length in bytes. All block lengths between one and this value are
permitted. The actual block size is programmed by the command SET_BLOCKLEN (CMD16). These
Hitachi MultiMediaCards support blocks with the length 512 bytes. The parameter WRITE_BLK_LEN is
permanently assigned to the value 0x9 (512 bytes).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com