Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6982 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6982
Description  38 V, 2 A synchronous step-down converter with low quiescent current
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6982 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6982 Datasheet HTML 2Page - STMicroelectronics L6982 Datasheet HTML 3Page - STMicroelectronics L6982 Datasheet HTML 4Page - STMicroelectronics L6982 Datasheet HTML 5Page - STMicroelectronics L6982 Datasheet HTML 6Page - STMicroelectronics L6982 Datasheet HTML 7Page - STMicroelectronics L6982 Datasheet HTML 8Page - STMicroelectronics L6982 Datasheet HTML 9Page - STMicroelectronics L6982 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
5
Electrical characteristics
Table 6. Electrical characteristics TJ = 25 °C, VIN = 24 V unless otherwise specified.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIN
Operating input voltage range
3.5
38
V
VINH
VCC rising threshold
2.3
3.3
V
VINL
VCC UVLO falling threshold
2.15
3.15
V
IPK (1)
Peak current limit
No slope contribution
2.73
3
A
Full slope contribution
2.05
2.33
A
IVY
Valley current limit
2.2
2.6
3
A
ISKIP (1)(2)
Skip current limit
0.45
A
IVY_SINK (1)
Reverse current limit
LNM or VOUT overvoltage
1.25
1.5
1.75
A
RDSON_HS
High side RDSON
0.175
RDSON_LS
Low-side RDSON
0.125
FSW (3)
Switching frequency
360
400
440
KHz
TOFF_MIN
Minimum off time
185
ns
TON_MIN
Minimum on time
85
ns
Enable
VWAKE_UP
Wakeup threshold
Rising
0.7
V
Falling
0.2
V
VEN
Enable threshold
Rising
1.08
1.2
1.32
V
Hysteresis
0.2
V
VCC regulator
VCC
LDO output voltage
3.0
3.3
3.6
V
Power consumption
ISHTDWN
Shutdown current from VIN
EN = GND
2
3
μA
LCM Device
IQ_OPVIN
Quiescent current from VIN
20
35
60
μA
LNM Device
IQ_OPVIN
Quiescent current from VIN
1.6
2.3
3
mA
Soft start
TSS
Internal soft start
1
1.3
1.6
ms
Error amplifier
VFB
Voltage feedback
Adjustable version
TJ = 25 °C
0.845
0.85
0.855
V
Adjustable version
TJ = -40 °C ≤ TJ ≤ 125 °C
0.842
0.85
0.858
V
Over voltage protection
VOVP
Overvoltage trip (VOVP/VREF)
115
120
125
%
L6982
Electrical characteristics
DS13683 - Rev 1
page 6/48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com