Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6982 Datasheet(PDF) 17 Page - STMicroelectronics

Part # L6982
Description  38 V, 2 A synchronous step-down converter with low quiescent current
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6982 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L6982 Datasheet HTML 13Page - STMicroelectronics L6982 Datasheet HTML 14Page - STMicroelectronics L6982 Datasheet HTML 15Page - STMicroelectronics L6982 Datasheet HTML 16Page - STMicroelectronics L6982 Datasheet HTML 17Page - STMicroelectronics L6982 Datasheet HTML 18Page - STMicroelectronics L6982 Datasheet HTML 19Page - STMicroelectronics L6982 Datasheet HTML 20Page - STMicroelectronics L6982 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
This is a second level protection and it should never be triggered in normal operating conditions if the system
is properly dimensioned. In other words, the selection of the external power components and the dynamic
performance determined by the compensation network should guarantee an output voltage regulation within the
overvoltage threshold even during the worst-case scenario in terms of load transitions. The protection is reliable
and able to operate even during normal load transitions for a system whose dynamic performance is not in line
with the load dynamic request. Consequently, the output voltage regulation would be affected.
The L6982 device implements a 1.5 A (IVY_SINK refer to Table 6) negative current limitation to limit the maximum
reversed switch current during the overvoltage operation.
6.5.1
Low consumption mode part number
The overvoltage protection continuously compares the FB pin with 120% nominal output voltage and enables
the low-side MOSFET at the beginning of the switching cycle keeping it active until 1.5 A typ. negative current
limitation is reached, in order to discharge the output capacitor.
The following graph shows the LCM part number behavior during an OVP event.
Figure 18. OVP event low noise mode part number
As soon as the output voltage goes out of the OVP hysteresis (typ. 2%) the L6982 device sets the switching node
on high impedance. It restarts the switching activity accordingly with the main loop regulation of the peak current
mode architecture.
6.5.2
Low consumption mode part number
The following graph shows the LNM part number behavior during an OVP event.
L6982
Overvoltage protection
DS13683 - Rev 1
page 17/48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com