Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6982 Datasheet(PDF) 23 Page - STMicroelectronics

Part # L6982
Description  38 V, 2 A synchronous step-down converter with low quiescent current
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6982 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L6982 Datasheet HTML 19Page - STMicroelectronics L6982 Datasheet HTML 20Page - STMicroelectronics L6982 Datasheet HTML 21Page - STMicroelectronics L6982 Datasheet HTML 22Page - STMicroelectronics L6982 Datasheet HTML 23Page - STMicroelectronics L6982 Datasheet HTML 24Page - STMicroelectronics L6982 Datasheet HTML 25Page - STMicroelectronics L6982 Datasheet HTML 26Page - STMicroelectronics L6982 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
AVO=Gm∙RO
(14)
The poles of this transfer function are (if CC » CO):
fPLF= 1
2∙π∙RO∙CC
(15)
fPHF= 1
2∙π∙RO∙CO
(16)
Whereas the zero is defined as:
fZ= 1
2∙π∙RC∙CC
(17)
7.3
Voltage divider
The contribution of a simple voltage divider is:GDIVs = R2R1+R2
(18)
A small signal capacitor in parallel to the upper resistor (only for the adjustable part number) of the voltage divider
implements a leading network (fZERO < fPOLE), sometimes necessary to improve the system phase margin:
Figure 25. Leading network example
(*) Synchronization is allowed for LNM versions only.
Laplace transformer of the leading network:
GDIVs = R2R1+R2∙ 1+s∙R1∙CR1
1+s∙ R1∙R2
R1+R2∙CR1
(19)
fZ= 1
2∙π∙R1∙CR1
(20)
fP= 1
2∙π∙ R1∙R2
R1+R2∙CR1
(21)
fZ<fP
(22)
So closing the loop, the loop gain is:
Gs =GDIVs ∙GCOs ∙AOs
(23)
L6982
Voltage divider
DS13683 - Rev 1
page 23/48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com