Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6982 Datasheet(PDF) 44 Page - STMicroelectronics

Part # L6982
Description  38 V, 2 A synchronous step-down converter with low quiescent current
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6982 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button L6982 Datasheet HTML 40Page - STMicroelectronics L6982 Datasheet HTML 41Page - STMicroelectronics L6982 Datasheet HTML 42Page - STMicroelectronics L6982 Datasheet HTML 43Page - STMicroelectronics L6982 Datasheet HTML 44Page - STMicroelectronics L6982 Datasheet HTML 45Page - STMicroelectronics L6982 Datasheet HTML 46Page - STMicroelectronics L6982 Datasheet HTML 47Page - STMicroelectronics L6982 Datasheet HTML 48Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 44 / 48 page
background image
Contents
1
Diagram ...........................................................................2
2
Pin configuration ..................................................................3
3
Typical application circuit..........................................................4
4
Absolute maximum ratings ........................................................5
5
Electrical characteristics...........................................................6
6
Functional description .............................................................8
6.1
Enable ....................................................................... 8
6.2
Soft-start...................................................................... 9
6.3
Undervoltage lockout .......................................................... 10
6.4
Light-load operation ........................................................... 10
6.4.1
Low consumption mode (LCM) ............................................. 10
6.4.2
Low noise mode (LNM) ................................................... 14
6.4.3
Efficiency for Low consumption mode and Low noise mode part number ............. 15
6.4.4
Load regulation for low consumption mode and low noise mode part number.......... 16
6.5
Overvoltage protection ......................................................... 16
6.5.1
Low consumption mode part number ........................................ 17
6.5.2
Low consumption mode part number ........................................ 17
6.6
Over current protection......................................................... 18
6.7
Thermal shutdown............................................................. 20
7
Closing the loop ..................................................................21
7.1
GCO(s) control to output transfer function ......................................... 21
7.2
Error amplifier compensation network ............................................ 22
7.3
Voltage divider ................................................................ 23
8
Application notes .................................................................24
8.1
Programmable power up threshold ............................................... 24
8.2
External synchronization (only available for Low Noise Mode) ........................ 24
8.3
Output voltage adjustment ...................................................... 25
8.4
Design of the power components ................................................ 26
8.4.1
Input capacitor selection .................................................. 26
L6982
Contents
DS13683 - Rev 1
page 44/48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com