Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6982 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6982
Description  38 V, 2 A synchronous step-down converter with low quiescent current
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6982 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6982 Datasheet HTML 7Page - STMicroelectronics L6982 Datasheet HTML 8Page - STMicroelectronics L6982 Datasheet HTML 9Page - STMicroelectronics L6982 Datasheet HTML 10Page - STMicroelectronics L6982 Datasheet HTML 11Page - STMicroelectronics L6982 Datasheet HTML 12Page - STMicroelectronics L6982 Datasheet HTML 13Page - STMicroelectronics L6982 Datasheet HTML 14Page - STMicroelectronics L6982 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
Figure 7. Light load operation
A new switching cycle takes place once the voltage on the FB pins becomes lower than VFB,LCM.
The HS switch is kept on until the inductor current reaches ISKIP.
Once the current on the HS reaches the defined value, the device turns the HS off and turns the LS on. The LS is
kept enabled until one of the following conditions occurs:
1.
The inductor current sensed by the LS becomes equal to zero.
2.
The switching period ends.
If, at the end of the switching cycle, the voltage on the FB pin rises over the VFB,LCM threshold, the LS is kept
enabled until the inductor current becomes equal to zero. Otherwise, the device turns on again the HS and starts
a new switching pulse.
During the burst pulse, if the energy transferred to COUT increases the VFB level over the threshold defined on
Equation 1, the device interrupts the switching activities. The new cycle takes place only when VFB becomes
lower than the defined threshold. Otherwise, as soon as the LS is turned off the HS is turned on.
Given the energy stored in the inductor during a burst, the voltage ripple depends on the capacitor value:
VOUT RIPPLE= ∆QILCOUT=∫0TBURSTILt dt
COUT
(2)
Figure 8. LCM operation with ISKIP = 40 mA typ. at zero load. L = 22 μH; COUT = 44 μF
L6982
Light-load operation
DS13683 - Rev 1
page 11/48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com