Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6982 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6982
Description  38 V, 2 A synchronous step-down converter with low quiescent current
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6982 Datasheet(HTML) 4 Page - STMicroelectronics

  L6982 Datasheet HTML 1Page - STMicroelectronics L6982 Datasheet HTML 2Page - STMicroelectronics L6982 Datasheet HTML 3Page - STMicroelectronics L6982 Datasheet HTML 4Page - STMicroelectronics L6982 Datasheet HTML 5Page - STMicroelectronics L6982 Datasheet HTML 6Page - STMicroelectronics L6982 Datasheet HTML 7Page - STMicroelectronics L6982 Datasheet HTML 8Page - STMicroelectronics L6982 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
3
Typical application circuit
Figure 3. Basic application (adjustable version)
(*) Synchronization is allowed for LNM versions only.
Table 2. Typical application component
Symbol
Value
Description
CIN
10 µF
Input capacitor
CVCC
1 µF
VCC bypass capacitor
CBOOT
100 nF
Bootstrap capacitor
COUT
47 µF
Output capacitor
RFBH
400 kΩ
VOUT divider upper resistor
RFBL
82 kΩ
VOUT divider lower resistor
L
22 µH
Output inductor
L6982
Typical application circuit
DS13683 - Rev 1
page 4/48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com