Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6982 Datasheet(PDF) 37 Page - STMicroelectronics

Part # L6982
Description  38 V, 2 A synchronous step-down converter with low quiescent current
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6982 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button L6982 Datasheet HTML 33Page - STMicroelectronics L6982 Datasheet HTML 34Page - STMicroelectronics L6982 Datasheet HTML 35Page - STMicroelectronics L6982 Datasheet HTML 36Page - STMicroelectronics L6982 Datasheet HTML 37Page - STMicroelectronics L6982 Datasheet HTML 38Page - STMicroelectronics L6982 Datasheet HTML 39Page - STMicroelectronics L6982 Datasheet HTML 40Page - STMicroelectronics L6982 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
11
Thermal dissipation
The thermal design is important in order to prevent thermal shutdown of the device if junction temperature goes
above 165°C. The three different sources of losses within the device are:
•
Conduction losses due to the ON resistance of the high-side switch (RDSON_HS) and low-side switch
(RDSON_LS); these are equal to:
PCOND=RDSON_HS∙IOUT2∙D+RDSON_LS∙IOUT2∙ 1−D
(43)
Where D is the duty cycle of the selected application and is given by:
D= VOUT+ RDSON_LS+DCRl ∙IOUT
VIN− RDSONHS−RDSON_LS ∙IOUT
(44)
In order to obtain a more accurate estimation it is necessary to keep in mind that the amount of resistance of the
internal power MOSFET increases with the temperature. For this reason, the value of RDSONHS and RDSONLS,
should be increased from the typical of a factor equal to 15%.
.
•
Switching losses due to high side Power MOSFET turn ON and OFF; these can be calculated as:
PSW=VIN∙IOUT∙ TRISE+TFALL
2 FSW=VIN∙IOUT∙TSW∙FSW
(45)
Where TRISE and TFALL are the overlap times of the voltage across the high-side power switch (VDS) and the
current flowing into it during turn ON and turn OFF phases, as shown in switching losses. TSW is the equivalent
switching time. For this device the typical value for the equivalent switching time is 20 ns.
•
Quiescent current losses, calculated as: PQ=VIN∙IQ,MAX
(46)
The quiescent current for constant current operation is equal to 3 [mA]:
The power losses are given by:
PLOSS=PCOND+PSW+PQ
(47)
The junction temperature TJ can be calculated as:
TJ=TA+RtℎJA∙PLOSS
(48)
Where TA is the ambient temperature. RthJA is the equivalent thermal resistance junction to ambient of the device;
it can be calculated as the parallel of many paths of heat conduction from the junction to the ambient. For this
device the path through the exposed pad is the one conducting the largest amount of heat. The RthJA measured
on the demonstration board described in the following section is about 55 °C/W.
L6982
Thermal dissipation
DS13683 - Rev 1
page 37/48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com