Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6982 Datasheet(PDF) 18 Page - STMicroelectronics

Part # L6982
Description  38 V, 2 A synchronous step-down converter with low quiescent current
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6982 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L6982 Datasheet HTML 14Page - STMicroelectronics L6982 Datasheet HTML 15Page - STMicroelectronics L6982 Datasheet HTML 16Page - STMicroelectronics L6982 Datasheet HTML 17Page - STMicroelectronics L6982 Datasheet HTML 18Page - STMicroelectronics L6982 Datasheet HTML 19Page - STMicroelectronics L6982 Datasheet HTML 20Page - STMicroelectronics L6982 Datasheet HTML 21Page - STMicroelectronics L6982 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
Figure 19. OVP event low consumption mode part number
The LNM device regulates the output voltage with valley sinking capability down to the negative current limitation
(IVY_SINK in Figure OVP Event Low Noise Mode part number). This hysteretic operating mode between peak
current mode threshold (ISKIP_LNM) and modulated low side switch conduction time for VOUT regulation
persists until the valley current level triggers the negative current limitation (IVY_SINK), that is the maximum
sinking capability of the device (highlighted in green in figure above).
If the source injection further increases, the output voltage is a partitioning between source impedance and
maximum sinking capability above described (highlighted in blue in figure above).
6.6
Over current protection
The current protection circuitry features a constant current protection, so the device limits the maximum peak
current (please refer to Table 6) in an overcurrent condition.
The L6982 device implements a pulse-by-pulse current sensing on both power elements (high-side and low-side
switches) for effective current protection over the duty cycle range. The high-side current sensing is called “peak”,
the low-side sensing “valley”.
The internal noise generated during the switching activity makes the current sensing circuitry ineffective for a
minimum conduction time of the power element. This time is called “masking time” because the information from
the analog circuitry is masked by the logic to prevent an erroneous detection of the overcurrent event. Therefore,
the peak current protection is disabled for a masking time after the high-side switch is turned on. The masking
time for the valley sensing is activated after the low-side switch is turned on. In other words, the peak current
protection can be ineffective at extremely low duty cycles, the valley current protection at extremely high duty
cycles.
The L6982 device assures an effective overcurrent protection sensing the current flowing in both power elements.
In case one of the two current sensing circuitries is ineffective because of the masking time, the device is
protected, sensing the current on the opposite switch. Thus, the combination of the “peak” and “valley” current
limits assure the effectiveness of the overcurrent protection even in extreme duty cycle conditions.
L6982
Over current protection
DS13683 - Rev 1
page 18/48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com