Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB308B Datasheet(PDF) 46 Page - ON Semiconductor

Part # FUSB308B
Description  USB Type-C Port Controller with USB-PD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB308B Datasheet(HTML) 46 Page - ON Semiconductor

Back Button FUSB308B Datasheet HTML 42Page - ON Semiconductor FUSB308B Datasheet HTML 43Page - ON Semiconductor FUSB308B Datasheet HTML 44Page - ON Semiconductor FUSB308B Datasheet HTML 45Page - ON Semiconductor FUSB308B Datasheet HTML 46Page - ON Semiconductor FUSB308B Datasheet HTML 47Page - ON Semiconductor FUSB308B Datasheet HTML 48Page - ON Semiconductor FUSB308B Datasheet HTML 49Page - ON Semiconductor FUSB308B Datasheet HTML 50Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 53 page
background image
FUSB308B
www.onsemi.com
46
Table 54. VBUS_STOP_DISCH
Address: 75h
Reset Value: 0x00
Type: Read/Write
Bit #
Name
R/W/C
Size (Bits)
VBUS Stop Discharge Threshold High
7:2
Reserved
R
6
Reserved: 000000b
1:0
VBUS_VTH_LO
R/W
2
Bits 9:8 of Stop Discharge threshold
Table 55. VALARMHCFGL
Address: 76h
Reset Value: 0x00
Type: Read/Write
Bit #
Name
R/W/C
Size (Bits)
Voltage Alarm High Trip Point Configuration
Low Description (Note 38)
7:0
VBUS_VTH_HI
R/W
8
Bits 7:0 of High trip point alarm
38.Accuracy is set for 50 mV LSB and Bit 0 is ignored.
Table 56. VALARMHCFGH
Address: 77h
Reset Value: 0x00
Type: Read/Write
Bit #
Name
R/W/C
Size (Bits)
Voltage Alarm High Trip Point Configuration High Description
7:2
Reserved
R
6
Reserved: 000000b
1:0
VBUS_VTH_HI
R/W
2
Bits 9:8 of High trip point alarm
Table 57. VALARMLCFGL
Address: 78h
Reset Value: 0x00
Type: Read/Write
Bit #
Name
R/W/C
Size (Bits)
Voltage Alarm Low Trip Point Configuration
Low Description (Note 39)
7:0
VBUS_VTH_LO
R/W
8
Bits 7:0 of Low trip point alarm
39.Accuracy is set for 50 mV LSB and Bit 0 is ignored.
Table 58. VALARMLCFGH
Address: 79h
Reset Value: 0x00
Type: Read/Write
Bit #
Name
R/W/C
Size (Bits)
Voltage Alarm Low Trip Point Configuration
High Description
7:2
Reserved
R
6
Reserved: 000000b
1:0
VBUS_VTH_LO
R/W
2
Bits 9:8 of Low trip point alarm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com