Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB308B Datasheet(PDF) 25 Page - ON Semiconductor

Part # FUSB308B
Description  USB Type-C Port Controller with USB-PD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB308B Datasheet(HTML) 25 Page - ON Semiconductor

Back Button FUSB308B Datasheet HTML 21Page - ON Semiconductor FUSB308B Datasheet HTML 22Page - ON Semiconductor FUSB308B Datasheet HTML 23Page - ON Semiconductor FUSB308B Datasheet HTML 24Page - ON Semiconductor FUSB308B Datasheet HTML 25Page - ON Semiconductor FUSB308B Datasheet HTML 26Page - ON Semiconductor FUSB308B Datasheet HTML 27Page - ON Semiconductor FUSB308B Datasheet HTML 28Page - ON Semiconductor FUSB308B Datasheet HTML 29Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 53 page
background image
FUSB308B
www.onsemi.com
25
Table 4. REGISTER DEFINITIONS
Address
Register
Name
Type
Rst Val
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
00h
VENDIDL
R
79h
Vendor ID Low
01h
VENDIDH
R
07h
Vendor ID High
02h
PRODIDL
R
34h
Product ID Low
03h
PRODIDH
R
01h
Product ID High
04h
DEVIDL
R
02h
Device ID Low
05h
DEVIDH
R
02h
Device ID High
06h
TYPECREVL
R
12h
USB Type−C Revision Low
07h
TYPECREVH
R
00h
USB Type−C Revision High
08h
USBPDVER
R
12h
USB PD Version
09h
USBPDREV
R
20h
USB PD Revision
0Ah
PDIFREVL
R
12h
USB PD Interface Revision Low (Version)
0Bh
PDIFREVH
R
10h
USB PD Interface Revision High (Revision)
10h
ALERTL
R/WC
00h
I_VBUS_
ALRM_HI
I_TXSUCC
I_TXDISC
I_TXFAIL
I_
RXHRDRST
I_RXSTAT
I_PORT_
PWR
I_CCSTAT
11h
ALERTH
R/WC
00h
I_VD_
ALERT
Reserved
Reserved
Reserved
I_VBUS_
SNK_DISC
I_RX_FULL
I_FAULT
I_VBUS_
ALRM_LO
12h
ALERTMSKL
R/W
FFh
M_VBUS_
ALRM_HI
M_TXSUCC
M_TX_DISC
M_TXFAIL
M_
RXHRDRST
M_RXSTAT
M_PORT_
PWR
M_CCSTAT
13h
ALERTMSKH
R/W
0Fh
M_VD_
ALERT
Reserved
Reserved
Reserved
M_VBUS_
SNK_DISC
M_RX_FULL
M_FAULT
M_VBUS_
ALRM_LO
14h
PWRSTATMSK
R/W
FFh
M_DEBUG_
ACC
M_INIT
M_SRC_HV
M_SRC_
VBUS
M_VBUS_
VAL_EN
M_VBUS_
VAL
M_VCONN_
VAL
M_
SNKVBUS
15h
FAULTSTATMSK
R/W
B3h
M_ALL_
REGS_
RESET
Reserved
M_AUTO_
DISCH_FAIL
M_FORCE_
DISCH_FAIL
Reserved
Reserved
M_VCONN_
OCP
M_I2C_ERR
16h..17h
Reserved
R
00h
Reserved
18h
STD_OUT_CFG
R/W
40h
TRI_STATE
DEBUG_
ACC
Reserved
Reserved
MUX_CTRL
Reserved
ORIENT
19h
TCPC_CTRL
R/W
00h
Reserved
EN_
WATCHDOG
DEBUG_
ACC_CTRL
I2C_CLK_STRECTH
BIST_
TMODE
ORIENT
1Ah
ROLECTRL
R/W
0Ah
4Ah
Reserved
DRP
RP_VAL
CC2_TERM
CC1_TERM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com