Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB308B Datasheet(PDF) 32 Page - ON Semiconductor

Part # FUSB308B
Description  USB Type-C Port Controller with USB-PD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB308B Datasheet(HTML) 32 Page - ON Semiconductor

Back Button FUSB308B Datasheet HTML 28Page - ON Semiconductor FUSB308B Datasheet HTML 29Page - ON Semiconductor FUSB308B Datasheet HTML 30Page - ON Semiconductor FUSB308B Datasheet HTML 31Page - ON Semiconductor FUSB308B Datasheet HTML 32Page - ON Semiconductor FUSB308B Datasheet HTML 33Page - ON Semiconductor FUSB308B Datasheet HTML 34Page - ON Semiconductor FUSB308B Datasheet HTML 35Page - ON Semiconductor FUSB308B Datasheet HTML 36Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 53 page
background image
FUSB308B
www.onsemi.com
32
Table 20. ALERTMSKH
Address: 13h
Reset Value: 0xFF (Resets on POR, SW_RST and Hard Reset)
Type: Read/Write
Bit #
Name
R/W/C
Size (Bits)
Alert Mask 2 Description
7
M_VD_ALERT
RW
1
0b: Interrupt masked,
1b: Interrupt unmasked
6:4
Reserved
R
3
Reserved: 000b
3
M_VBUS_SNK_DISC
RW
1
0b: Interrupt masked,
1b: Interrupt unmasked
2
M_RX_FULL
RW
1
0b: Interrupt masked,
1b: Interrupt unmasked
1
M_FAULT
RW
1
0b: Interrupt masked,
1b: Interrupt unmasked
0
M_VBUS_ALRM_LO
RW
1
0b: Interrupt masked,
1b: Interrupt unmasked
Table 21. PWRSTATMSK
Address: 14h
Reset Value: 0xFF (Resets on POR, SW_RST and Hard Reset)
Type: Read/Write
Bit #
Name
R/W/C
Size (Bits)
Power Status Mask Description
7
M_DEBUG_ACC
RW
1
Debug Accessory Connected Interrupt Mask
0b: Interrupt masked
1b: Interrupt unmasked
6
M_INIT
RW
1
TCPC Initialization Interrupt Mask
0b: Interrupt masked
1b: Interrupt unmasked
5
M_SRC_HV
RW
1
Sourcing High Voltage Interrupt Mask
0b: Interrupt masked
1b: Interrupt unmasked
4
M_SRC_VBUS
RW
1
Sourcing VBUS Interrupt Mask
0b: Interrupt masked
1b: Interrupt unmasked
3
M_VBUS_VAL_EN
RW
1
VBUS Valid Detection Status Interrupt Mask
0b: Interrupt masked
1b: Interrupt unmasked
2
M_VBUS_VAL
RW
1
VBUS Valid Status Interrupt Mask
0b: Interrupt masked
1b: Interrupt unmasked
1
M_VCONN_VAL
RW
1
VCONN Present Status Interrupt Mask
0b: Interrupt masked
1b: Interrupt unmasked
0
M_SNKVBUS
RW
1
Sinking VBUS Status Interrupt Mask
0b: Interrupt masked
1b: Interrupt unmasked



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com