Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB308B Datasheet(PDF) 38 Page - ON Semiconductor

Part # FUSB308B
Description  USB Type-C Port Controller with USB-PD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB308B Datasheet(HTML) 38 Page - ON Semiconductor

Back Button FUSB308B Datasheet HTML 34Page - ON Semiconductor FUSB308B Datasheet HTML 35Page - ON Semiconductor FUSB308B Datasheet HTML 36Page - ON Semiconductor FUSB308B Datasheet HTML 37Page - ON Semiconductor FUSB308B Datasheet HTML 38Page - ON Semiconductor FUSB308B Datasheet HTML 39Page - ON Semiconductor FUSB308B Datasheet HTML 40Page - ON Semiconductor FUSB308B Datasheet HTML 41Page - ON Semiconductor FUSB308B Datasheet HTML 42Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 53 page
background image
FUSB308B
www.onsemi.com
38
Table 30. FAULTSTAT (continued)
Address: 1Fh
Reset Value: 0x80
Type: Read/Write 1 to Clear
Bit #
Fault Status Interrupt Description (Note 32)
Size (Bits)
R/W/C
Name
4
FORCE_DISCH_FAIL
R/WC
1
0b: No Discharge Failure
1b: VBUS Discharge Failed
Asserts when PWRCTRL.FORCE_DISCH is set and one of
the following occurs:
If VBUS_STOP_DISCH <= vSafe0V(max.) we fail to discharge
VBUS to vSafe0V (max.) within tSafe0V from the time
FORCE_DISCH is set.
If VBUS_STOP_DISCH > vSafe0V(max.) we fail to discharge VBUS
to VBUS_STOP_DISCH within tSrcSettle from the time
FORCE_DISCH is set.
3
Reserved
R
1
Reserved: 0b
2
Reserved
R
1
Reserved: 0b
1
VCONN_OCP
R/WC
1
0b: No VCONN Over−Current Detected
1b: Over current on VCONN Latched. See VCONN_ Registers to set
VCONN OCP levels.
0
I2C_ERROR
R/WC
1
0b: No Error
1b: I2C Error has occurred
Asserts when: or SINK_TRANSMIT has been sent with TRANS-
MIT_BUFFER empty (TXBYTECNT < 2).
COMMAND.DisableVbusDetect is issued while sinking or sourcing
VBUS.COMMAND.SinkVbus is issued while sourcing
VBUSCOMMAND.SourceVbusDefaultVoltage is issued while sinking
VBUS
COMMAND.SourceVbusHighVoltage is issued when device is not
already sourcing 5 V, is sinking, or is not capable of sourcing high
voltage.
Connect_Invalid State is reached.
31.VBUS_V_BIT[9:0] is the measured VBUS voltage divided by VBUS_SCALE factor.
32.Fault Status are latched and cleared when a 1 is written to the corresponding bit.
33.ALL_REGS_RESET do not get set on SW_RST
Table 31. COMMAND
Address: 23h
Reset Value: 0x00
Type: Read/Write (Auto−Clear)
Bit #
Name
R/W/C
Size
(Bits)
Register
Settings
COMMAND Description
7:0
Command
R/W
8
0001
0001b
WakeI2C
(no action is taken other than to wake the I2C interface)
0010
0010b
DisableVbusDetect. Disable Vbus present detection:
PWRSTAT.VBUS_VAL. The FUSB308B will ignore this
command and assert the FAULTSTAT.I2C_ERR if it has
sourcing or sinking power over Vbus enabled
0011
0011b
EnableVbusDetect. Enable Vbus present detection
0100
0100b
DisableSinkVbus. Disable sinking power over Vbus.
This COMMAND does not disable PWRSTAT.VBUS_VAL
detection
0101
0101b
SinkVbus. Enable sinking power over Vbus and enable Vbus
present detection. The FUSB308B will ignore this command
and assert the FAULTSTAT.I2C_ERR if it has sourcing power
over Vbus enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com