Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB308B Datasheet(PDF) 27 Page - ON Semiconductor

Part # FUSB308B
Description  USB Type-C Port Controller with USB-PD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB308B Datasheet(HTML) 27 Page - ON Semiconductor

Back Button FUSB308B Datasheet HTML 23Page - ON Semiconductor FUSB308B Datasheet HTML 24Page - ON Semiconductor FUSB308B Datasheet HTML 25Page - ON Semiconductor FUSB308B Datasheet HTML 26Page - ON Semiconductor FUSB308B Datasheet HTML 27Page - ON Semiconductor FUSB308B Datasheet HTML 28Page - ON Semiconductor FUSB308B Datasheet HTML 29Page - ON Semiconductor FUSB308B Datasheet HTML 30Page - ON Semiconductor FUSB308B Datasheet HTML 31Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 53 page
background image
FUSB308B
www.onsemi.com
27
Table 4. REGISTER DEFINITIONS (continued)
Address
Bit0
Bit1
Bit2
Bit3
Bit4
Bit5
Bit6
Bit7
Rst Val
Type
Register
Name
51h
TXBYTECNT
R/W
00h
Transmit Byte Count
52h
TXHEADL
R/W
00h
Transmit Header Low
53h
TXHEADH
R/W
00h
Transmit Header High
54h..6F
TXDATA
R/W
00h
Transmit Payload
70h
VBUS_VOLTAGE_L
R
00h
VBUS Measurement Output
71h
VBUS_VOLTAGE_H
R
00h
72h
VBUS_SNK_DISCL
R/W
A0h
VBUS SINK Disconnected Threshold (See Register Description Table)
73h
VBUS_SNK_DISCH
R/W
1Ch
74h
VBUS_STOP_DISCL
R/W
00h
VBUS Discharge Stop Threshold (See Register Description Table)
75h
VBUS_STOP_DISCH
R/W
00h
76h
VALARMHCFGL
R/W
00h
Voltage High Trip Point (See Register Description Table)
77h
VALARMHCFGH
R/W
00h
78h
VALARMLCFGL
R/W
00h
Voltage Low Trip Point (See Register Description Table)
79h
VALARMLCFGH
R/W
00h
7Ah..7Fh
Reserved
R/W
00h
Reserved
A0h
VCONN_OCP
R/W
0Fh
Reserved
OCP_
RANGE
OCP_CUR
A2h
RESET
R/WC
00h
Reserved
PD_RST
SW_RST
A4h
GPIO1_CFG
R/W
00h
Reserved
GPO1_VAL
GPI1_EN
GPO1_EN
A5h
GPIO2_CFG
R/W
00h
Reserved
FR_SWAP_
FN
GPO2_VAL
GPI2_EN
GPO2_EN
A6h
GPIO_STAT
R
00h
Reserved
GPI2_VAL
GPI1_VAL
A7h
DRPTOGGLE
R/W
00h
Reserved
DRPTOGGLE
A9h..AFh
Reserved
R
00h
Reserved
B1h
SRC_FRSWAP
R/W
00h
Reserved
B2h
SNK_FRSWAP
R/W
00h
Reserved
B3h
ALERT_VD
R/W
00h
Reserved
I_DISCH_
SUCC
I_GPI2
I_GPI1
I_VDD_
DTCT
I_OTP
I_SWAP_TX
I_SWAP_RX
B4h
ALERT_VD_MSK
R/W
7Fh
Reserved
M_DISCH_
SUCC
M_GPI2
M_GPI1
MI_VDD_
DTCT
M_OTP
M_SWAP_
TX
M_SWAP_
RX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com