Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB308B Datasheet(PDF) 3 Page - ON Semiconductor

Part # FUSB308B
Description  USB Type-C Port Controller with USB-PD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB308B Datasheet(HTML) 3 Page - ON Semiconductor

  FUSB308B Datasheet HTML 1Page - ON Semiconductor FUSB308B Datasheet HTML 2Page - ON Semiconductor FUSB308B Datasheet HTML 3Page - ON Semiconductor FUSB308B Datasheet HTML 4Page - ON Semiconductor FUSB308B Datasheet HTML 5Page - ON Semiconductor FUSB308B Datasheet HTML 6Page - ON Semiconductor FUSB308B Datasheet HTML 7Page - ON Semiconductor FUSB308B Datasheet HTML 8Page - ON Semiconductor FUSB308B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 53 page
background image
FUSB308B
www.onsemi.com
3
Table 1. ORDERING INFORMATION
Part Number
Top Marking
Operating
Temperature Range
Package
Packing Method†
FUSB308BVMPX
FUSB
308BV
Automotive
−40 to 105°C
16–Lead Molded Leadless Package
(QFN) JEDEC, ML220, 3 mm Square
Tape and Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specification Brochure, BRD8011/D.
Typical Application
Figure 1. FUSB308B Typical Typical Desktop Computing Application
Alternate Mode DP Mux + SBU
PSU
FPF2595C
CC2
CC1
INT_N
SDA
SCL
Type−C
receptacle
FUSB308B
GND
VCONN
VDD
VBUS
TCPM
USB
2.0&
3.1
Gen1
PHY
SRC_HV
VIN
VOUT
ON
VOUT
VIN
SRC
I2C_ADDR_SEL/
ORIENT
220pF 220pF
25V
ISET
GPO1
GPO2
ON
ISET
V5
V12
MUX_SEL0
MUX_SEL1
GPU
POL SEL1
SEL2
FPF2595C
1 mF
25V
10 mF
10 mF
10 mF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com