Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB308B Datasheet(PDF) 31 Page - ON Semiconductor

Part # FUSB308B
Description  USB Type-C Port Controller with USB-PD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB308B Datasheet(HTML) 31 Page - ON Semiconductor

Back Button FUSB308B Datasheet HTML 27Page - ON Semiconductor FUSB308B Datasheet HTML 28Page - ON Semiconductor FUSB308B Datasheet HTML 29Page - ON Semiconductor FUSB308B Datasheet HTML 30Page - ON Semiconductor FUSB308B Datasheet HTML 31Page - ON Semiconductor FUSB308B Datasheet HTML 32Page - ON Semiconductor FUSB308B Datasheet HTML 33Page - ON Semiconductor FUSB308B Datasheet HTML 34Page - ON Semiconductor FUSB308B Datasheet HTML 35Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 53 page
background image
FUSB308B
www.onsemi.com
31
Table 18. ALERTH
Address: 11h
Reset Value: 0x00
Type: Read, Write 1 to Clear
Bit #
Name
R/W/C
Size (Bits)
ALERT2 Description
7
I_VS_ALERT
RWC
1
Vendor Defined Alert
0b: Cleeared
1b: A Vendor Defined Alert occurred. Please read
ALERT_VD register
6:4
Reserved
R
3
Reserved: 000b
3
I_VBUS_SNK_DISC
RWC
1
VBUS Sink Disconnect Detected
0b: Cleared
1b: A VBUS Sink Disconnect Threshold crossing from High to Low
has been detected
2
I_RX_FULL
RWC
1
Rx Buffer Overflow
0b: Internal RX Buffer is functioning properly
1b: Internal RX Buffer has overflowed
Note: This interrupt indicates overflow of the internal buffer, not the
RXDATA space. To clear overflow condition, write to ALERTL.I_RX-
STAT
Writing a 1 to this register acknowledges the overflow.
The actual overflow is cleared by writing to ALERTL. I_RXSTAT
1
I_FAULT
(Note 17)
R/WC
1
Fault Alarm
0b: Cleared
1b: A Fault alarm has occurred. Read FAULTSTAT register
0
I_VBUS_ALRM_LO
R/WC
1
Voltage Alarm Lo
0b: Cleared
1b: A low−voltage alarm has occurred
17.ALERTH.I_FAULT is asserted if the bit−wise AND of FAULTSTAT and FAULTSTAMSK results in any bits that have the value 1.
Table 19. ALERTMSKL
Address: 12h
Reset Value: 0xFF (Resets on POR, SW_RST and Hard Reset)
Type: Read/Write
Bit #
Name
R/W/C
Size (Bits)
Alert Mask 1 Description
7
M_VBUS_ALRM_HI
R/W
1
0b: Interrupt masked
1b: Interrupt unmasked
6
M_TXSUCC
R/W
1
0b: Interrupt masked
1b: Interrupt unmasked
5
M_TX_DISC
R/W
1
0b: Interrupt masked
1b: Interrupt unmasked
4
M_TXFAIL
R/W
1
0b: Interrupt masked
1b: Interrupt unmasked
3
M_RXHRDRST
R/W
1
0b: Interrupt masked
1b: Interrupt unmasked
Note: Generally this interrupt should not be masked.
2
M_RXSTAT
R/W
1
0b: Interrupt masked
1b: Interrupt unmasked
1
M_PORT_PWR
R/W
1
0b: Interrupt masked
1b: Interrupt unmasked
0
M_CCSTAT
R/W
1
0b: Interrupt masked
1b: Interrupt unmasked



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com