Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB308B Datasheet(PDF) 8 Page - ON Semiconductor

Part # FUSB308B
Description  USB Type-C Port Controller with USB-PD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB308B Datasheet(HTML) 8 Page - ON Semiconductor

Back Button FUSB308B Datasheet HTML 4Page - ON Semiconductor FUSB308B Datasheet HTML 5Page - ON Semiconductor FUSB308B Datasheet HTML 6Page - ON Semiconductor FUSB308B Datasheet HTML 7Page - ON Semiconductor FUSB308B Datasheet HTML 8Page - ON Semiconductor FUSB308B Datasheet HTML 9Page - ON Semiconductor FUSB308B Datasheet HTML 10Page - ON Semiconductor FUSB308B Datasheet HTML 11Page - ON Semiconductor FUSB308B Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
FUSB308B
www.onsemi.com
8
• It is not a GoodCRC message
• The calculated CRC is correct
• The SOP* type is enabled
The makeup of the GoodCRC message is formed by the
received SOP* type and the contents of MSGHEADR
register.
When an expected GoodCRC message or a Hard Reset
signaling is received, they will not be replied with a
GoodCRC message (see Note 2 in Figure 6). If a GoodCRC
message received was not expected due to the SOP* type or
mismatched Message ID, the receive state machine will not
send a GoodCRC message and will transition to
PRL_Rx_Report SOP* to inform the TCPM.
If a Hard Reset message is received, the FUSB308B will
reset the RXDETECT preventing the reception of future
messages until the TCPM re−enables it.
Figure 6. Receive State Machine
Message received from PHY (Note 2)
GoodCRC Transmission complete
Start
PRL_Rx_Send_GoodCRC
Actions on entry
:
Send GoodCRC message to PHY
PRL_Rx_Wait_for_PHY_
message
Actions on entry
:
PRL_Rx_Report_SOP *
Actions on entry:
Update RECEIVE_STATUS
(ALERT_ L.RXSTAT asserted)
Message discarded
bus Idle(Note 1)
PRL_Rx_Message _Discard
Actions on entry :
If Tx State − Machine active,discard
transmission and assert
ALERT_L.TXDISC
else
Unexpected
GoodCRC received
FUSB308B receives Hard reset |
Cable reset
2. This indication is sent by the PHY when a message has been discarded due to CC being busy, and after CC becomes idle
again (see USB PD Spec).
3. Messages do not include Hard Reset or Cable Reset signals or expected GoodCRC messages (GoodCRC messages are
only expected after the FUSB308B PHY has received the tx message and the FUSB308B Tx state−machine is in the
PRL_Tx_Wait_for_PHY_response state).
Transmit State Machine
To transmit a message, the TCPM must first write the
entire message in the following registers: TXHEADL,
TXHEADH, TXBYTECNT and the TXDATA.
The actual transmission starts when the TCPM writes the
TRANSMIT register.
The TRANSMIT register is where the message selection
is done and it must be written once per transmission.
The TRANSMIT and TXBYTECNT will be reset after
executing a successful or failed transmission.
If the TRANSMIT.RETRY_CNT is set to a number
greater than 0, the FUSB308B will automatically retry
sending the same message if a GoodCRC is not received
within tCRCReceiveTimer. An automatic retry is not
performed when sending Hard−Resets, Cable−Resets, or
BIST Carrier Mode 2 signaling.
The TCPM must not write the TRANSMIT register again
until ALERTL.I_TXSUCC, I_TXFAIL, I_TX_DISC have
been asserted and cleared.
The TCPM will not write the TRANSMIT register to
request a transmission other than a Hard reset until it has
cleared all received message alerts. If a TRANSMIT is
written when ALERTL.I_RXSTAT = 1 or ALERTL.
I_RXHRDRST = 1, the transmit request is discarded and
ALERTL.I_TX_DISC is asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com