Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB308BVMPX Datasheet(PDF) 39 Page - ON Semiconductor

Part # FUSB308BVMPX
Description  USB Type-C Port Controller with USB-PD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB308BVMPX Datasheet(HTML) 39 Page - ON Semiconductor

Back Button FUSB308BVMPX Datasheet HTML 35Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 36Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 37Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 38Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 39Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 40Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 41Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 42Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 43Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
FUSB308B
www.onsemi.com
39
Table 31. COMMAND (continued)
Address: 23h
Reset Value: 0x00
Type: Read/Write (Auto−Clear)
Bit #
COMMAND Description
Register
Settings
Size
(Bits)
R/W/C
Name
0110
0110b
DisableSourceVbus. Disable sourcing power over Vbus.
This COMMAND does not disable PWRSTAT.VBUS_VAL
detection
0111
0111b
SourceVbusDefaultVoltage. Enable sourcing vSafe5V over
Vbus and enable Vbus present detection. Source shall
transition to vSafe5V if at a high voltage. The FUSB308B will
ignore this command and assert the FAULTSTAT.I2C_ERR if
it has sinking power over Vbus enabled
1000
1000b
SourceVbusHighVoltage. Execute sourcing high voltage
over Vbus.
FUSB308B will ignore this command and assert the
FAULTSTAT.I2C_ERR
1001
1001b
LOOK4CON. Start DRP Toggling if ROLECTRL.DRP = 1b.
If ROLECTRL.CC1/CC2 = 01b start with Rp,
if ROLECTRL.CC1/CC2 =10b start with Rd.
If ROLE_CONTROL.CC1/CC2 are not either 01b/01b or
10b/10b, then do not start toggling.
The TCPM shall issue .
COMMAND.LOK4CON to enable the device to restart
Connection Detection in cases where the ROLECTRL
contents will not change. An example of this is when a
potential connection as a Source occurred but was further
debounced by the TCPM to find the Sink disconnected. In
this case a Source Only or DRP should go back to its
Unattached.Src state. This would result in ROLECTRL
staying the same
1010
1010b
RxOneMore. Configure the receiver to automatically clear the
RXDETECT register after sending the next GoodCRC.
This is used to shutdown reception of packets at a known
point regardless of packet separation or the depth of the
receive FIFO in the device
1100 1100b
1101 1101b
1110 1110b
Reserved. No Action
1111
1111b
I2CIdle, Enter I2C Idle
Table 32. DEVCAP1L
Address: 24h
Reset Value: FUSB308B: DBh
Type: Read
Bit #
Name
R/W/C
Size (Bits)
Device Capabilities 1 L Description
7:5
ROLES_SUPPORT
R
3
Roles Supported:
000b: Type−C Port Manager can configure the Port as Source only
or Sink only (not DRP)
001b: Source only
010b: Sink only
011b: Sink with accessory support
100b: DRP Only
101b: Source, Sink, DRP, Adapter/Cable all supported
110b: Source, Sink, DRP
110..111b: Not valid
4
SOP_SUPPORT
R
1
0b: All SOP* except SOP’_DBG/SOP”_DBG
1b: All SOP* messages are supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com