Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB308BVMPX Datasheet(PDF) 15 Page - ON Semiconductor

Part # FUSB308BVMPX
Description  USB Type-C Port Controller with USB-PD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB308BVMPX Datasheet(HTML) 15 Page - ON Semiconductor

Back Button FUSB308BVMPX Datasheet HTML 11Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 12Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 13Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 14Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 15Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 16Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 17Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 18Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 19Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 53 page
background image
FUSB308B
www.onsemi.com
15
VBUS Monitoring and Measurement
The FUSB308B can monitor the presence of VBUS and
will report it on PWRSTAT.VBUS_VAL and interrupt
ALERT.I_PORT_PWR.
VBUS_VAL is set according to VBUS thresholds in
vVBUSthr.
The FUSB308B also supports a more precise voltage
measurement via an on−board ADC. The voltage on VBUS
is measured at a rate of tVBUSsample and it is reported on
VBUS_VOLTAGE_L/H register. The precision of the
measurement is +/2% with a resolution of 25 mV LSB.
In addition to providing the
mProcessor an accurate
measurement
of
VBUS,
the
measurement
in
VBUS_VOLTAGE will be used when monitoring various
user defined thresholds:
• Voltage alarms in registers VALARMLCFG and
VALARMHCFG
• VBUS Disconnect Threshold in registers
VBUS_SNK_DISC and VBUS_SNK_DISC
• VBUS Stop Discharge Threshold in registers
VBUS_STOP_DISC and VBUS_STOP_DISC
The FUSB308B implements Low and High VBUS
Voltage Alarms that can be programmable via
VALARMLCFG and VALARMHCFGL respectively. If the
High or the Low thresholds are crossed, the FUSB308B will
signal an interrupt on ALERTL.I_VBUS_ALRM_HI or
ALERTH.I_VBUS_ALRM_LO respectively. These alarms
can be disabled by writing PWRCTRL.DIS_VALARM to
one.
ALERTL.I_PORT_PWR is asserted if the bit−wise AND
of PWRSTAT and PWRSTAMSK results in any bits that
have the value 1.
VBUS Discharge
Manual Discharge
There are two types of manual discharge circuits
implemented: A bleed discharge for low current and a force
discharge. The bleed discharge can be manually enabled by
writing
a
one
to
register
bit
PWRCTRL.EN_BLEED_DISCH. When enabled, the bleed
discharge provides a low current load on VBUS of 7 KW
(max.) via RBLEED. The force discharge is used to quickly
discharge VBUS to vSafe0V by applying a dynamic load to
VBUS via RFULL_DISCH. The force discharge can be
manually enabled by writing a one to register bit
PWRCTRL.FORCE_DISCH. When RFULL_DISCH is
applied, the maximum slew rate allowed for discharging
VBUS does not exceed vSrcSlewNeg 30 mV/
ms as it is
specified in the USB−PD spec.
Automatic discharge bit PWRCTRL. AUTO_DISCH
must be disabled before enabling force discharge.
Automatic Source Discharge after a Disconnect
Automatic discharge can be enabled by setting
PWRCTRL. AUTO_DISC register bit. When in Source
mode the FUSB308B will fully discharge VBUS to vSafe5V
(max.) within tSafe5V and to vSafe0V within tSafe0V when
a Disconnect occurs. The FUSB308B is in Source mode
when the SRC output is asserted.
The FUSB308B in Source mode will detect a Disconnect
if the CCSTAT.CCx_STAT field for the monitored CC pin
indicates SRC.Open and enable the FULL Discharge
pull−down device. The monitored CC pin is specified by
TCPC_CTRL.ORIENT.
Figure 13. VBUS Auto Discharge as Source
Cable Disconnect
(CCSTAT change)
tSafe5V
tSafe0V
vSafe0V
vSafe5V
time
VBUS
Apply RFULL_DISCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com